Electronic Components Datasheet Search
  English  ▼

X  

CMF02 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CMF02
Description  Switching Mode Power Supply Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMF02 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CMF02 Datasheet HTML 1Page - Toshiba Semiconductor CMF02 Datasheet HTML 2Page - Toshiba Semiconductor CMF02 Datasheet HTML 3Page - Toshiba Semiconductor CMF02 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CMF02
2007-04-16
1
TOSHIBA Fast Recovery Diode Silicon Diffused Type
CMF02
Switching Mode Power Supply Applications
DC/DC Converter Applications
• Repetitive peak reverse voltage: VRRM = 600 V
• Average forward current: IF (AV) = 1.0 A
• Forward voltage: VFM = 2.0 V (max)
• Very fast reverse-recovery time: trr = 100 ns (max.)
• Suitable for compact assembly due to small surface-mount package
“M−FLATTM” (Toshiba package name)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
600
V
Average forward current
IF (AV)
1.0 (Note 1)
A
Peak one-cycle surge forward current
(non-repetitive)
IFSM
10 (50 Hz)
(Note 3)
A
Junction temperature
Tj
−40~150
°C
Storage temperature range
Tstg
−40~150
°C
Note 1: Tℓ
= 108°C
Rectangular waveform (
α = 180°)
Note 2: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 3: This rating specifies the non-repetitive peak current in one cycle of a 50 Hz sine wave, condition angle 180
°.
Therefore the rating applies only to abnormal operation, which seldom occurs during the lifespan of a device.
Unit: mm
JEDEC
⎯
JEITA
⎯
TOSHIBA
3-4E1A
Weight: 0.023 g (typ.)


Similar Part No. - CMF02

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
CMF02 TAYCHIPST-CMF02 Datasheet
1Mb / 2P
Switching Mode Power Supply Applications
logo
Toshiba Semiconductor
CMF02A TOSHIBA-CMF02A Datasheet
303Kb / 7P
Fast Recovery Diode (FRD) Silicon Diffused Junction
CMF02TE12L.Q TOSHIBA-CMF02TE12L.Q Datasheet
159Kb / 4P
Switching Mode Power Supply Applications DC/DC Converter Applications
More results

Similar Description - CMF02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
20JL2C41 TOSHIBA-20JL2C41_06 Datasheet
249Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATIONS
CLH02 TOSHIBA-CLH02 Datasheet
202Kb / 5P
Switching Mode Power Supply Applications
CLH07 TOSHIBA-CLH07 Datasheet
201Kb / 5P
Switching Mode Power Supply Applications
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
Switching Mode Power Supply Applications
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com