Electronic Components Datasheet Search
  English  ▼

X  

HU2D330MS Datasheet(PDF) 2 Page - DB Lectro Inc

Part # HU2D330MS
Description  CHIP TYPE, MID-TO-HIGH VOLTAGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HU2D330MS Datasheet(HTML) 2 Page - DB Lectro Inc

  HU2D330MS Datasheet HTML 1Page - DB Lectro Inc HU2D330MS Datasheet HTML 2Page - DB Lectro Inc HU2D330MS Datasheet HTML 3Page - DB Lectro Inc HU2D330MS Datasheet HTML 4Page - DB Lectro Inc HU2D330MS Datasheet HTML 5Page - DB Lectro Inc HU2D330MS Datasheet HTML 6Page - DB Lectro Inc HU2D330MS Datasheet HTML 7Page - DB Lectro Inc HU2D330MS Datasheet HTML 8Page - DB Lectro Inc HU2D330MS Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HU Series
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT
160
200
250
400
450
WV
F
Case size
R.C.
Case size
R.C.
Case size
R.C.
Case size
R.C.
Case size
R.C.
3.3
12.5 x 13.5
40
4.7
12.5 x 13.5
65
12.5 x 16
50
12.5 x 16
50
10
12.5 x 13.5
80
12.5 x 16
105
16 x 16.5
85
16 x 16.5
85
22
12.5 x 13.5
85
12.5 x 16
110
16 x 16.5
180
33
12.5 x 13.5
95
16 x 16.5
220
16 x 21.5
230
47
16 x 16.5
260
16 x 21.5
270
68
16 x 21.5
320
Case size
D L (mm), ripple current (mA rms) at 105 C 120Hz
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.80
1.00
1.25
1.40
1.60
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for
your application, please contact us immediately for technical assistance before purchase.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com