Electronic Components Datasheet Search
  English  ▼

X  

RM9001AF Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9001AF
Description  Multi-stage constant current constant power LED control chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9001AF Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9001AF Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 4Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 5Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 6Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 7Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 8Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 9Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
多段恒流恒功率 LED 控制芯
片
RM9001A 规格书
陕西亚成微电子股份有限公司
RM9001A_Rev.17.06
http: // www.reactor-micro.com
- 1-
产品概述:
RM9001A
采用自适应 LED 四段分段
驱动机制,可以灵活的设置每段 LED 串,
适应不同地区的市电电压,从而提高 LED
的利用率和总输出流明数。
通过外部电阻达到 LED 串的分段恒流,
提高 PF 和优化 THD。
RM9001A
具备可调节的过温调控功能,
可根据不同的应用设置不同的过温调节点。
同时芯片具备功率补偿功能,在输出电压范
围内波动时输出功率基本不变。
应用领域:
LED
大功率 LED 照明产品
LED
球泡灯、日光灯 、射灯等
其它的 LED 照明
典型特点:
外围电路简单,无需电解电容器和磁性
元件
多芯片可并联应用
具备可调的过温调控功能
4
段 LED 灯串可以灵活配置
输出电流范围在 5mA~100mA,且输出
电流恒定在设定值。
LED
电流可外部设定
采用 ESOP8 封装
封装信息:
ESOP8


Similar Part No. - RM9001AF

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9001A REACTOR-RM9001A Datasheet
201Kb / 2P
High-voltage linear 220V/10W bulb lamp solution
RM9001A REACTOR-RM9001A Datasheet
250Kb / 2P
High-voltage linear 220V/12W flood light solution
RM9001A REACTOR-RM9001A Datasheet
302Kb / 2P
High-voltage linear 220V/30W flood light solution
RM9001A_10W REACTOR-RM9001A_10W Datasheet
201Kb / 2P
High-voltage linear 220V/10W bulb lamp solution
RM9001A_12W REACTOR-RM9001A_12W Datasheet
250Kb / 2P
High-voltage linear 220V/12W flood light solution
More results

Similar Description - RM9001AF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62238FP RENESAS-M62238FP_1 Datasheet
2Mb / 6P
CONSTANT VOLTAGE CONSTANT CURRENT CONTROL2 SYSTEM LED CONTROL IC
logo
Linkage Goston Electron...
SM2082C LINKAGE-SM2082C Datasheet
4Mb / 12P
Single channel LED constant current drive control chip
SM2082EG LINKAGE-SM2082EG Datasheet
2Mb / 13P
Dual channel LED linear constant current control chip
SM2082EK LINKAGE-SM2082EK Datasheet
3Mb / 14P
Dual channel LED linear constant current control chip
SM2082GF LINKAGE-SM2082GF Datasheet
2Mb / 11P
Single channel LED linear constant current control chip
logo
Jingjing Microelectroni...
EG1185 EGMICRO-EG1185 Datasheet
573Kb / 11P
NonseIsmIcIzIng constant current control chip
EG1187 EGMICRO-EG1187 Datasheet
566Kb / 11P
NonseIsmIcIzIng constant current control chip
logo
Shenzhen Huazhimei Semi...
HM6289A HMSEMI-HM6289A Datasheet
744Kb / 8P
high-power LED constant current drive control chip
HM9851 HMSEMI-HM9851 Datasheet
587Kb / 7P
LED constant current drive control chip
HM7142 HMSEMI-HM7142 Datasheet
599Kb / 6P
Single channel constant current LED control chip
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com