Electronic Components Datasheet Search
  English  ▼

X  

PI3CH401 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3CH401
Description  Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH401 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3CH401 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH401 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH401 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH401 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH401 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH401 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH401 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH401 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
P-0.4
07/27/04
PI3CH401
Low Voltage, 5Ω, 4-Channel
2-Port NanoSwitch™
ADVANCE INFORMATION
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined
by the lower of the voltages on the two (A,B) pins.
4. This parameter is determined by device characterization but is not production tested.
Capacitance (TA = 25°C f = 1 MHz)
Parameters(4)
Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
2.1
pF
COFF
A/B Capacitance, Switch Off
3.1
CON
A/B Capacitance, Switch On
6.6
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min. Typ.(2) Max.
Units
ICC
Quiescent Power Supply Current
VCC = 3.6V, VIN = GND or VCC
0.8
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com