Electronic Components Datasheet Search
  English  ▼

X  

CMS05 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CMS05
Description  Switching Mode Power Supply Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS05 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CMS05 Datasheet HTML 1Page - Toshiba Semiconductor CMS05 Datasheet HTML 2Page - Toshiba Semiconductor CMS05 Datasheet HTML 3Page - Toshiba Semiconductor CMS05 Datasheet HTML 4Page - Toshiba Semiconductor CMS05 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMS05
2006-11-13
4
VR = 30 V
5 V
10 V
15 V
20 V
Pulse test
0.001
0
160
80
20
40
60
100
120
140
0.01
0.1
1
10
100
1000
Number of cycles
Surge forward current (non-repetitive)
Reverse voltage VR (V)
Cj –VR
(typ.)
Junction temperature Tj (°C)
IR – Tj
(typ.)
Reverse voltage VR (V)
PR (AV) – VR
(typ.)
0
1
10
100
20
40
60
80
f
= 50 Hz
Ta
= 25°C
30
1
10
50
100
1000
5
3
30
300
500
50
f
= 1 MHz
Ta
= 25°C
1
2
3
4
5
0
0
10
20
30
α = 60°
120°
DC
Rectangular waveform
Conduction angle:
α
Tj = 150°C
360°
0°
VR
α
180°
240°
300°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com