Electronic Components Datasheet Search
  English  ▼

X  

1020008 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1020008
Description  TMC 72C 25A - Miniature Circuit Breaker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1020008 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1020008 Datasheet HTML 1Page - PHOENIX CONTACT 1020008 Datasheet HTML 2Page - PHOENIX CONTACT 1020008 Datasheet HTML 3Page - PHOENIX CONTACT 1020008 Datasheet HTML 4Page - PHOENIX CONTACT 1020008 Datasheet HTML 5Page - PHOENIX CONTACT 1020008 Datasheet HTML 6Page - PHOENIX CONTACT 1020008 Datasheet HTML 7Page - PHOENIX CONTACT 1020008 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Product properties
Product type
Circuit breakers
Product family
TMC 7
Type
DIN rail module, one-piece 
Number of positions
2
Mechanical service life
20000
Special properties
Supplementary Protection (UL 1077), for protection against
overload up to a short-circuit current of 7.5 kA thermal-magnetic
Electrical properties
Service life electrical
6000
General
277 V AC (277/480Y, 240D)
Operating voltage
125 V DC (two poles in series)
Rated current IN
25 A
Tripping method
TM (thermal-magnetic)
5 kA (277/480Y, 240D)
Rated short-circuit switching capacity Icn
7.5 kA (125 V DC, two poles in series)
Fuse
C
Contact switching type
none
Connection data
Conductor cross section rigid
1 mm² ... 35 mm²
Cross section AWG
18 ... 2 (converted acc. to IEC)
Conductor cross section flexible
1 mm² ... 35 mm²
Connection method
Screw connection
Tightening torque, min
2 Nm
Stripping length
11 mm ... 12 mm
Conductor cross section flexible max.
35 mm²
Conductor cross section, rigid max.
35 mm²
Dimensions
Dimensional drawing
Width
35.3 mm
Height
84.3 mm
Depth
76.6 mm (incl. DIN rail 7.5 mm)
TMC 72C 25A - Miniature Circuit Breaker
1020008
https://www.phoenixcontact.com/us/products/1020008
Apr 10, 2025, 7:53 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com