Electronic Components Datasheet Search
  English  ▼

X  

SPF3004 Datasheet(PDF) 2 Page - Sanken electric

Part # SPF3004
Description  Dropper Type System Regulator ICs [Surface-mount 2-output]
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPF3004 Datasheet(HTML) 2 Page - Sanken electric

  SPF3004 Datasheet HTML 1Page - Sanken electric SPF3004 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
19
Dropper Type System Regulator ICs [Surface-mount 2-output]
SPF3004
Electrical Characteristics
02
4
6
8
10
0
4
2
6
-40
0
25
50
85
125 150
0
20
10
40
30
0
0.2
0.4
0.6
0
0.5
1.0
010
20
30
40
4.90
5.00
5.10
IO1=0A
0.2A
0.4A
010
20
30
40
3.40
3.30
3.50
IO2=0A
0.1A
0.2A
12
3
4
0
4
2
6
0
5.10
5.00
4.90
0
0.1
0.2
0.3
0.4
VIN=6V
10V
14V
18V
0
0.05
0.10
0.15
0.20
0
3.50
3.40
3.30
VIN=6V
10V
14V
18V
0
20
40
10
20
30
40
IO1=0.4A
IO1=0.2A
IO1=0A
IO2=0A
0.2A
IO1=0A
0.4A
100
120
140
160
200
180
2
6
4
IO1=5mA
0
0.5
1.0
0
4
2
6
0
0.2
0.4
0.6
0
4
2
VIN=6V
10V
14V
18V
VIN=6V
10V
14V
18V
Infinite heatsink equivalent
(Tc=25
°C)
Copper foil area
(5.0•7.4mm, t=1
µm)
■ Line Regulation (V01)
■ Rise Characteristics of Output Voltage
■ Line Regulation (V02)
■ Load Regulation (V02)
■ Dropout Voltage (V01)
■ Thermal Protection Characteristics
■ Overcurrent Protection Characteristics (V01)
■ Overcurrent Protection Characteristics (V02)
■ GND Current
■ Load Regulation (V01)
■ Ta—PD Characteristics
■ EN Terminal Output Voltage
Output current IO1 (A)
Input voltage VIN (V)
Input voltage V IN (V)
EN terminal voltage VEN (V)
Output current IO2 (A)
Output current IO1 (A)
Output current IO2 (A)
Input voltage VIN (V)
Ambient temperature Ta (ºC)
Input voltage VIN (V)
Output current IO1 (A)
Operating temperature Ta (ºC)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com