Electronic Components Datasheet Search
  English  ▼

X  

RC243S Datasheet(PDF) 2 Page - Semtech Corporation

Part # RC243S
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RC243S Datasheet(HTML) 2 Page - Semtech Corporation

  RC243S Datasheet HTML 1Page - Semtech Corporation RC243S Datasheet HTML 2Page - Semtech Corporation RC243S Datasheet HTML 3Page - Semtech Corporation RC243S Datasheet HTML 4Page - Semtech Corporation RC243S Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dated : 23/08/2016
Rev:03
®
SEMTECH ELECTRONICS LTD.
RC241S…RC246S
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VO = 5 V, IO = 50 mA
RC241S
RC242S
RC243S
RC244S
RC245S
RC246S
GI
33
39
47
56
56
56
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Output Cutoff Current
at VO = 30 V
IO(OFF)
-
-
10
µA
Input Current
at VI = 5 V
RC241S
RC242S
RC243S
RC244S
RC245S
RC246S
II
-
-
-
-
-
-
-
-
-
-
-
-
7.2
3.8
1.8
0.88
7.2
3.6
mA
Output Voltage
at IO = 10 mA, II = 0.5 mA
VO(ON)
-
-
0.3
V
Input Voltage (ON)
at VO = 0.3 V, IO = 20 mA
RC241S
RC242S
RC243S
RC244S
RC245S
RC246S
VI(ON)
-
-
-
-
-
-
-
-
-
-
-
-
3
3
3
3
3
2
V
Input Voltage (OFF)
at VO = 5 V, IO = 0.1 mA
RC241S~244S
RC245S~246S
-VI(OFF)
0.5
0.3
-
-
-
-
V
Transition Frequency
at VO = 10 V, IO = 5 mA, f = 100 MHz
fT
1)
-
200
-
MHz
1) Characteristic of transistor only.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com