Electronic Components Datasheet Search
  English  ▼

X  

CMZ13 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMZ13
Description  Constant Voltage Regulation Transient Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMZ13 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMZ13 Datasheet HTML 1Page - Toshiba Semiconductor CMZ13 Datasheet HTML 2Page - Toshiba Semiconductor CMZ13 Datasheet HTML 3Page - Toshiba Semiconductor CMZ13 Datasheet HTML 4Page - Toshiba Semiconductor CMZ13 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMZ12~CMZ53
2006-11-09
3
Handling Precaution
1) The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be
exceeded during operation, even for an instant. The following are the general derating methods that we
recommend when you design a circuit with a device.
P
: We recommend that the worst case power dissipation be no greater than 50% of the
absolute maximum rating of power dissipation. Carry out adequate heat design.
PRSM : We recommend that a device be used within the recommended area in thefigure,
PRSM-tw.
Tj
: Derate this rating when using a device in order to ensure high reliability.
We recommend that the device be used at a Tj of below 120°C.
2) Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition.
When using a device, design a circuit board and a soldering land size to match the appropriate thermal
resistance value.
3) Please refer to the Rectifiers databook for further information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com