Electronic Components Datasheet Search
  English  ▼

X  

BUV21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BUV21
Description  NPN Silicon Low Frequency High Power Switching Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BUV21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BUV21 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
47
Features:
1. Heavy working current.Good temperature stability.Excellent thermal fatigue capability.
2. Good Switching Characteristic.
3. Implementation of standards: GJB33 A-97, QZJ840611A, QZJ840611
4. Use for Low-speed switch,low frequency power amplify,power adjustment.
5. Quality Class: JP, JT, JCT, GS, G, G+
TECHNICAL DATA:
(Ta = 25°C )
Specifications
Parameter name
Symbols Unit
BUV20
BUV21
BUV22
BUV23
BUV24
Total Dissipation (Tc=25
°C)
Ptot
W
250
Max. Collector Current
ICM
A
50
40
40
30
20
Junction Temperature
Tjm
°C
175
Collector-Base Breakdown
Voltage
V(BR)CBO V
≥160
≥250
≥300
≥400
≥450
≥125
≥200
≥250
≥325
≥400
Collector-Emitter Breakdown
Voltage
V(BR)CEO V
IC=10mA
≥7
Emitter-Base Breakdown
Voltage
V(BR)EBO V
IE=1mA
Collector- Emitter
Saturation Voltage Drop
IC=
IB=
VCE(sat)
V
≤1.2
50A
5A
≤1.5
25A
3A
≤1.5
20A
2.5A
≤0.8
8A
1.6A
≤0.6
6A
1.2A
≤3.0
Collector-Emitter Laekage
Current
ICEO
mA
VCE=100V
VCE=160V
VCE=200V
VCE=250V
VCE=300V
Emitter-Base Laekage Current
IEBO
mA
≤1.0 (VEB=7V)
20~60
15~60
DC Current Gain
VCE=,
IC=
hFE
2V, 25A
2V, 12A
4V, 10A
4V, 8A
4V, 6A
Transition frequency
fT
MHz
≥8 (VCE= 15V, IC=2A,f=4MHz)
Rise Time
tr
us
≤1.5
≤1.2
≤1.3
≤0.8
≤1.6
Storage Time
ts
us
≤1.2
≤1.8
≤2.5
≤2.5
≤2.3
Fall Time
VCE=
IC=
IB1=
IB2=
tf
us
≤0.3
30V
50A,
5A
-5A
≤0.4
100V
25A
3A
-3A
≤0.5
100V
20A
2.5A
-2.5A
≤1.0
100V
16A
3.2A
-3.2A
≤1.4
120V
12A
2.4A
-2.4A
Outline and Dimensions:
BUV20,BUV21,BUV22,BUV23,BUV24
NPN Silicon Low Frequency High Power Switching Transistor
共
Contact: Jandy Lei
Tel.: 13991730782
QQ: 1142478250
sxqlljd@hotmail.com


Similar Part No. - BUV21

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUV21 MOTOROLA-BUV21 Datasheet
139Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 250 WATTS
logo
ON Semiconductor
BUV21 ONSEMI-BUV21 Datasheet
139Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
1995 REV 7
logo
Seme LAB
BUV21 SEME-LAB-BUV21 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
ON Semiconductor
BUV21 ONSEMI-BUV21 Datasheet
70Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistor
February, 2006 ??Rev. 10
logo
Savantic, Inc.
BUV21 SAVANTIC-BUV21 Datasheet
119Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUV21

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
NEC
NE664M04 NEC-NE664M04 Datasheet
128Kb / 9P
MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Hitachi Semiconductor
2SD1435K HITACHI-2SD1435K Datasheet
320Kb / 2P
SILICON NPN EPITAXIAL LOW FREQUENCY POWER AMPLIFIER HIGH CURRENT SWITCHING
logo
Cystech Electonics Corp...
BTC752A3 CYSTEKEC-BTC752A3 Datasheet
126Kb / 3P
High Frequency NPN Switching Transistor
BTN2369A3 CYSTEKEC-BTN2369A3 Datasheet
135Kb / 3P
High Frequency NPN Switching Transistor
BTN2369N3 CYSTEKEC-BTN2369N3 Datasheet
134Kb / 3P
High Frequency NPN Switching Transistor
logo
California Eastern Labs
NE678M04 CEL-NE678M04 Datasheet
207Kb / 8P
MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
NE677M04 CEL-NE677M04 Datasheet
207Kb / 8P
MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
Cystech Electonics Corp...
BTN2369S3 CYSTEKEC-BTN2369S3 Datasheet
216Kb / 6P
High Frequency NPN Switching Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com