Electronic Components Datasheet Search
  English  ▼

X  

CP60239H Datasheet(PDF) 2 Page - Same Sky Devices

Part # CP60239H
Description  PELTIER MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CP60239H Datasheet(HTML) 2 Page - Same Sky Devices

  CP60239H Datasheet HTML 1Page - Same Sky Devices CP60239H Datasheet HTML 2Page - Same Sky Devices CP60239H Datasheet HTML 3Page - Same Sky Devices CP60239H Datasheet HTML 4Page - Same Sky Devices CP60239H Datasheet HTML 5Page - Same Sky Devices CP60239H Datasheet HTML 6Page - Same Sky Devices CP60239H Datasheet HTML 7Page - Same Sky Devices CP60239H Datasheet HTML 8Page - Same Sky Devices CP60239H Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SAME SKY | SERIES: CP60H | DESCRIPTION: PELTIER MODULE
date 09/12/2024 | page 2 of 22
sameskydevices.com
COLD SIDE
HOT SIDE
0.05
0.05
THICKNESS
COLD SIDE
Black (-)
Red (+)
WIDTH
LENGTH
100.0 5.0
10.0 3.0
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
solder melting temperature
connection between thermoelectric pairs
235
°C
assembly compression
1
MPa
RoHS
yes
MECHANICAL DRAWING
units: mm
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP60131H
15 ±0.3
15 ±0.3
3.1 ±0.025
CP60139H
15 ±0.3
15 ±0.3
3.9 ±0.025
CP60231H
20 ±0.3
20 ±0.3
3.1 ±0.025
CP60239H
20 ±0.3
20 ±0.3
3.9 ±0.025
CP602040395H
20 ±0.3
40 ±0.3
3.95 ±0.025
CP60301233H
30 ±0.1
12 ±0.1
3.3 ±0.1
CP60301531H
30 ±0.3
15 ±0.3
3.1 ±0.025
CP60302031H
30 ±0.3
20 ±0.3
3.1 ±0.1
CP603315H
30 ±0.3
30 ±0.3
3.15 ±0.025
CP6030395
30 ±0.3
30 ±0.3
3.95 ±0.025
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads
(CP60131H,
CP60231H,
CP60302031H
CP60301233H,
CP60301531H,
CP603315H)
22 AWG
tin
wire leads (all other
models)
20 AWG
tin
sealer
silicon rubber 703 RTV (between cold and
hot side plates)
joint cover
silicon rubber 703 RTV
marking
P/N & S/N printed on cold side surface
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP603395H
30 ±0.3
30 ±0.3
3.95 ±0.025
CP604020395H
40 ±0.3
20 ±0.3
3.95 ±0.025
CP60433H
40 ±0.3
40 ±0.3
3.3 ±0.03
CP604395H
40 ±0.3
40 ±0.3
3.95 ±0.025
CP604040
40 ±0.3
40 ±0.3
4.0 ±0.1
CP60546241
62.5 ±0.3
54 ±0.3
4.1 ±0.1
CP6055354
55 ±0.3
55 ±0.3
4.1 ±0.1
CP60555542
55 ±0.3
55 ±0.3
4.2 ±0.1
CP604060395
40 ±0.3
60 ±0.3
3.95 ±0.025
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com