Electronic Components Datasheet Search
  English  ▼

X  

STP8NM50 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP8NM50
Description  N-channel 550V @ Tjmax - 0.7Ω - 8A - TO-220 - TO-220FP MDmesh??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8NM50 Datasheet(HTML) 5 Page - STMicroelectronics

  STP8NM50_06 Datasheet HTML 1Page - STMicroelectronics STP8NM50_06 Datasheet HTML 2Page - STMicroelectronics STP8NM50_06 Datasheet HTML 3Page - STMicroelectronics STP8NM50_06 Datasheet HTML 4Page - STMicroelectronics STP8NM50_06 Datasheet HTML 5Page - STMicroelectronics STP8NM50_06 Datasheet HTML 6Page - STMicroelectronics STP8NM50_06 Datasheet HTML 7Page - STMicroelectronics STP8NM50_06 Datasheet HTML 8Page - STMicroelectronics STP8NM50_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STP8NM50 - STP8NM50FP
Electrical characteristics
5/14
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD=250 V, ID=2.5A,
RG=4.7Ω, VGS=10V
(see Figure 15)
16
8
ns
ns
tr(Voff)
tf
tc
Off-voltage rise time
Fall time
Cross-over time
VDD=400 V, ID=5A,
RG=4.7Ω, VGS=10V
(see Figure 15)
14
6
13
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)
8
32
A
A
VSD
Forward on voltage
ISD=10A, VGS=0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=5A, di/dt = 100A/µs,
VDD=100 V, Tj=25°C
(see Figure 20)
185
1.1
11.5
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=5A, di/dt = 100A/µs,
VDD=100 V, Tj=150°C
(see Figure 20)
270
1.6
12
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com