Electronic Components Datasheet Search
  English  ▼

X  

STP8NM50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP8NM50
Description  N-channel 550V @ Tjmax - 0.7Ω - 8A - TO-220 - TO-220FP MDmesh??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8NM50 Datasheet(HTML) 1 Page - STMicroelectronics

  STP8NM50 Datasheet HTML 1Page - STMicroelectronics STP8NM50 Datasheet HTML 2Page - STMicroelectronics STP8NM50 Datasheet HTML 3Page - STMicroelectronics STP8NM50 Datasheet HTML 4Page - STMicroelectronics STP8NM50 Datasheet HTML 5Page - STMicroelectronics STP8NM50 Datasheet HTML 6Page - STMicroelectronics STP8NM50 Datasheet HTML 7Page - STMicroelectronics STP8NM50 Datasheet HTML 8Page - STMicroelectronics STP8NM50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2006
Rev 7
1/14
14
STP8NM50
STP8NM50FP
N-channel 550V @ Tjmax - 0.7
Ω - 8A - TO-220 - TO-220FP
MDmesh™ Power MOSFET
General features
■ 100% avalanche tested
■ High dv/dt and avalanche capabilities
■ Low gate input resistance
■ Low input capacitance and gate charge
Description
The MDmesh™ is a new revolutionary Power
MOSFET technology that associates the multiple
drain process with the company’s PowerMESH™
horizontal layout. The resulting product has an
outstanding low on-resistance, impressively high
dv/dt and excellent avalanche characteristics. The
adoption of the company’s proprietary strip
technique yields overall dynamic performance
that is significantly better than that of similar
competition’s products.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
ID
STP8NM50
550V
<0.8
Ω
8A
STP8NM50FP
550V
<0.8
Ω
8A (1)
1.
Limited only by maximum temperature allowed
1
2
3
1
2
3
TO-220
TO-220FP
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP8NM50
P8NM50
TO-220
Tube
STP8NM50FP
P8NM50FP
TO-220FP
Tube


Similar Part No. - STP8NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8NM50 STMICROELECTRONICS-STP8NM50 Datasheet
329Kb / 9P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh™Power MOSFET
Aug-2002
logo
VBsemi Electronics Co.,...
STP8NM50 VBSEMI-STP8NM50 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
STP8NM50 ISC-STP8NM50 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP8NM50FP STMICROELECTRONICS-STP8NM50FP Datasheet
329Kb / 9P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh™Power MOSFET
Aug-2002
logo
Inchange Semiconductor ...
STP8NM50FP ISC-STP8NM50FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP8NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Jul-2001
STP8NM50 STMICROELECTRONICS-STP8NM50 Datasheet
329Kb / 9P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh™Power MOSFET
Aug-2002
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh™ Power MOSFET
Aug-2003
STW45NM50 STMICROELECTRONICS-STW45NM50 Datasheet
244Kb / 9P
N-CHANNEL 550V Tjmax - 0.08ohm - 45A TO-247 MDmesh TM MOSFET
Mar-2005
STB20NM60A-1 STMICROELECTRONICS-STB20NM60A-1 Datasheet
309Kb / 12P
N-CHANNEL 650V@Tjmax - 0.25 Ohm - 20A I짼PAK/TO-220/TO-220FP
Mar-2004
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
12-Jan-2007
STP12NM50 STMICROELECTRONICS-STP12NM50_06 Datasheet
544Kb / 17P
N-channel 550V @ tjmax - 0.30Ω - 12A TO-220/FP/D2/I2PAK MDmesh??Power MOSFET
27-Jul-2006
STD5NM60 STMICROELECTRONICS-STD5NM60_08 Datasheet
561Kb / 18P
N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
01-Oct-2008
STD5NM60 STMICROELECTRONICS-STD5NM60_V01 Datasheet
558Kb / 18P
N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
01-Oct-2008
STW20NM50 STMICROELECTRONICS-STW20NM50_V01 Datasheet
182Kb / 8P
N-CHANNEL 550V @ Tjmax - 0.20Ω - 20A TO-247 MDmesh™ MOSFET
Feb-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com