Electronic Components Datasheet Search
  English  ▼

X  

PD421807 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PD421807
Description  POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PD421807 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PD421807 Datasheet HTML 1Page - Powerex Power Semiconductors PD421807 Datasheet HTML 2Page - Powerex Power Semiconductors PD421807 Datasheet HTML 3Page - Powerex Power Semiconductors PD421807 Datasheet HTML 4Page - Powerex Power Semiconductors PD421807 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRELIMINARY
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR / Diode Isolated Module
700 Amperes / Up to 1800 Volts
Description:
Powerex Dual SCR/Diode Modules
are designed for use in applications
requiring phase control and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
Features:
T Electrically Isolated Heatsinking
T Compression Bonded Elements
T Metal Baseplate
T Low Thermal Impedance
for Improved Current Capability
Benefits:
T No Additional Insulation
Components Required
T Easy Installation
T No Clamping Components
Required
T Reduce Engineering Time
Applications:
T Bridge Circuits
T AC & DC Motor Drives
T Motor Soft Starters
T Battery Supplies
T Power Supplies
T Large IGBT Circuit Front Ends
10/04/2002
PD42__07
Ordering Information
:
Select the complete eight-digit
module part number from the table
below.
Example: PD421807 is a 1800 Volt,
700A Average SCR/Diode Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts (x100)
Current
Amperes
(x100)
PD42
12
14
16
18
07


Similar Part No. - PD421807

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PD421807 POWEREX-PD421807 Datasheet
98Kb / 5P
POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
PD421807 POWEREX-PD421807 Datasheet
376Kb / 5P
Dual SCR / Diode Isolated Module
More results

Similar Description - PD421807

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ND421825 POWEREX-ND421825 Datasheet
99Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / 1800 Volts)
ND431825 POWEREX-ND431825 Datasheet
100Kb / 4P
POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 1800 Volts)
PD4307 POWEREX-PD4307 Datasheet
99Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (700 Amperes / Up to 1800 Volts)
PD4707 POWEREX-PD4707 Datasheet
98Kb / 5P
POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
logo
Power Integrations, Inc...
CD421690B POWERINT-CD421690B Datasheet
120Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1800 Volts
CD431690B POWERINT-CD431690B Datasheet
308Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
CD43_90B POWEREX-CD43_90B Datasheet
308Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 90 Amperes Up to 1800 Volts
PD421407 POWEREX-PD421407 Datasheet
376Kb / 5P
POW-R-BLOKTM Dual SCR / Diode Isolated Module 700 Amperes, Up to 1800 Volts
PD471207 POWEREX-PD471207 Datasheet
373Kb / 5P
POW-R-BLOKTM Dual Diode / SCR Isolated Module 700 Amperes / Up to 1800 Volts
PS431215 POWEREX-PS431215 Datasheet
367Kb / 5P
POW-R-BLOK Single SCR Isolated Module 1500 Amperes / Up to 1800 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com