Electronic Components Datasheet Search
  English  ▼

X  

UT2316 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT2316
Description  N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2316 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT2316 Datasheet HTML 1Page - Unisonic Technologies UT2316 Datasheet HTML 2Page - Unisonic Technologies UT2316 Datasheet HTML 3Page - Unisonic Technologies UT2316 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UT2316
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-126.A
TYPICAL CHARACTERISTICS
VGS=10 thru 5V
4V
3V
2V
02
46
8
10
0
2
4
6
8
10
12
14
16
Drain-to-Source Voltage, VDS (V)
Typical Output Characteristics
Transfer Characteristics
16
14
12
10
0
2
4
6
8
0
12
3
4
5
-55℃
25℃
TC=125℃
Gate-to-Source Voltage, VDS (V)
350
300
250
200
150
100
50
0
0
5
10
15
20
25
30
Drain-to-Current Voltage, VDS (V)
CRSS
COSS
CISS
Capacitance
Drain Current, ID (A)
0.5
0.4
0.3
0.2
0.1
0.0
02
46
8
10
12
14
16
VGS=10V
VGS=4.5V
On-Resistance vs. Drain Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com