Electronic Components Datasheet Search
  English  ▼

X  

P3Z7ACT800W Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # P3Z7ACT800W
Description  Phase Control Modules (345-800 Amperes/400-3000 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

P3Z7ACT800W Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  P3Z7ACT800W Datasheet HTML 1Page - Powerex Power Semiconductors P3Z7ACT800W Datasheet HTML 2Page - Powerex Power Semiconductors P3Z7ACT800W Datasheet HTML 3Page - Powerex Power Semiconductors P3Z7ACT800W Datasheet HTML 4Page - Powerex Power Semiconductors P3Z7ACT800W Datasheet HTML 5Page - Powerex Power Semiconductors P3Z7ACT800W Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P-4
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-BRIK™
Phase Control Modules
345-800 Amperes/400-3000 Volts
Maximum Ratings and Electrical Characteristics
P1Z7AAR700W_ _
P1Z7ABR700W_ _
P1Z9AAR900W_ _
P1Z9ACR900W_ _
P1Z9ADR900V_ _
3000
2200
3000
1200
600
3000
2500
3000
2500
2500
1.10
0.92
1.70
1.50
1.50
1.00
1.00
1.15
1.15
1.15
3000
2200
3000
1200
600
3100
2300
3100
1300
700
3100
2300
3100
1300
700
300
300
300
300
300
50
50
150
150
150
50
50
150
150
150
7
9
16
30
50
7
9
16
30
50
15
10
20
15
10
—
—
—
—
—
Voltage Gate Current, Speed of Element*
Voltage
Gate
Current
Speed
Isolation
Voltage**
Strike
Distance
VDRM/VRRMŒ
E1
(V)
Part Number
E2
(V)
IDRM/IRRMŒ
E1
(mA)
E2
(mA)
ITSM/IFSM
E1
(kA)
E2
(kA)
VRMS
(V)
IRMS
(mA)
SCR
tq
(
µs)
Diode
trr
(
µs)
Terminals
VRSM
E1
(V)
E2
(V)
dv/dt
(V/
µs)
VGT
(V)
IGT
(mA)
Œ
di/dt
(A/
µs)
Ž
Diode/Diode
2200
1600
3000
2000
1600
2500
2500
3000
2500
2500
0.92
0.92
1.70
1.50
1.50
1.00
1.00
1.15
1.15
1.15
2200
1600
3000
2000
1600
2300
1700
3100
2100
1700
2300
1700
3100
2100
1700
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
150
150
200
200
200
600
600
600
600
600
30
30
150
75
75
30
30
150
75
75
9
10
15
17
25
9
14
16
16
16
150
150
400
250
150
10
8
20
20
20
3
3
3
3
3
Half Control SCR/Rectifier Œ
P2Z7ABB700W_ _
P2Z7ACB700W_ _
P2Z9AAA900W_ _
P2Z9ABA900W_ _
P2Z9ACA900W_ _
2200
1600
3000
2200
1400
3000
2000
1600
2500
2500
2500
2500
2500
3000
2500
2500
0.92
0.92
0.92
0.92
0.92
1.70
1.50
1.50
1.00
1.00
1.00
1.00
1.00
1.15
1.15
1.15
2200
1600
3000
2200
1400
3000
2000
1600
2300
1700
3100
2300
1500
3100
2100
1700
2300
1700
3100
2300
1500
3100
2100
1700
300
300
300
300
300
300
300
300
150
150
150
150
150
200
200
200
600
600
600
600
600
600
600
600
30
30
35
35
35
150
75
75
30
30
35
35
35
150
75
75
9
10
9
12
15
15
17
25
9
10
9
12
15
15
17
25
150
150
200
200
200
400
250
150
—
—
—
—
—
—
—
—
3
3
3
3
3
3
3
3
Full Control SCR/SCR
P3Z7ABT700W_ _
P3Z7ACT700W_ _
P3Z7AAT800W_ _
P3Z7ABT800W_ _
P3Z7ACT800W_ _
P3Z9AAT900W_ _
P3Z9ABT900W_ _
P3Z9ACT900W_ _
P7Z7ABB700W_ _
P7Z7ABC700W_ _
P7Z9AAA900W_ _
P7Z9AAB900W_ _
P7Z9AAC900W_ _
2200
1600
3000
2000
1600
2500
2500
3000
2500
2500
0.92
0.92
1.70
1.50
1.50
1.00
1.00
1.15
1.15
1.15
0.70
0.70
1.00
1.00
1.00
0.70
0.70
1.00
1.00
1.00
0.70
0.70
0.70
0.70
0.70
1.00
1.00
1.00
0.70
0.70
1.00
1.00
1.00
2200
1600
3000
2000
1600
2300
1700
3100
2100
1700
2300
1700
3100
2100
1700
300
300
300
300
300
150
150
200
200
200
600
600
600
600
600
30
30
150
75
75
30
30
150
75
75
9
14
16
16
16
9
10
15
17
25
150
150
400
250
150
10
8
20
20
20
3
3
3
3
3
Half Control Rectifier/SCR “
Applies for zero or negative gate bias.
Higher dv/dt ratings available, consult factory.
With recommended gate drive.
Per JEDEC standard RS-397, 5.2.2.6.
Per JEDEC RS-397, 5.2.2.1.
Bottom side cooled.
Consult recommended mounting procedures.
Designs are available for “Current Source Inverter”
applications, consult factory.
Reflects substantial derating necessary with single
0.08°C/W or 0.10°C/W sink.
Element location indicated by E1 or E2.
Hi-Pot. 60Hz, 1 min. test
Œ

Ž


‘
’
“
”
*
**
to
Case
(In.)
K1/A1
K2/A2
(In.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com