Electronic Components Datasheet Search
  English  ▼

X  

L431L Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # L431L
Description  1.24V Low-Voltage Adjustable Precision Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L431L Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button L431L Datasheet HTML 3Page - List of Unclassifed Manufacturers L431L Datasheet HTML 4Page - List of Unclassifed Manufacturers L431L Datasheet HTML 5Page - List of Unclassifed Manufacturers L431L Datasheet HTML 6Page - List of Unclassifed Manufacturers L431L Datasheet HTML 7Page - List of Unclassifed Manufacturers L431L Datasheet HTML 8Page - List of Unclassifed Manufacturers L431L Datasheet HTML 9Page - List of Unclassifed Manufacturers L431L Datasheet HTML 10Page - List of Unclassifed Manufacturers L431L Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NIKO-SEM
L431L
11
1.24V Low-Voltage Adjustable
Precision Shunt Regulator
SOT-23 (M5) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
1.0
1.10
1.30
e
1.90(TYP)
A1
0.00
0.10
H
2.60
2.80
3.00
A2
0.70
0.80
0.90
L
0.37
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80
APR-25-2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com