Electronic Components Datasheet Search
  English  ▼

X  

MIC5219 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC5219
Description  500mA-Peak Output LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5219 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC5219 Datasheet HTML 5Page - Micrel Semiconductor MIC5219 Datasheet HTML 6Page - Micrel Semiconductor MIC5219 Datasheet HTML 7Page - Micrel Semiconductor MIC5219 Datasheet HTML 8Page - Micrel Semiconductor MIC5219 Datasheet HTML 9Page - Micrel Semiconductor MIC5219 Datasheet HTML 10Page - Micrel Semiconductor MIC5219 Datasheet HTML 11Page - Micrel Semiconductor MIC5219 Datasheet HTML 12Page - Micrel Semiconductor MIC5219 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MIC5219
Micrel
MIC5219
12
April 2001
P
D × 50mA = 0.875 × 173mW
P
D × 50mA = 151mW
The power dissipation at 500mA must also be calculated.
P
D × 500mA = (5V – 3.3V) 500mA + 5V × 20mA
P
D × 500mA = 950mW
This number must be multiplied by the duty cycle at which it
would be operating, 12.5%.
P
D × = 0.125 × 950mW
P
D × = 119mW
The total power dissipation of the device under these condi-
tions is the sum of the two power dissipation figures.
P
D(total) = PD × 50mA + PD × 500mA
P
D(total) = 151mW + 119mW
P
D(total) = 270mW
The total power dissipation of the regulator is less than the
maximum power dissipation of the SOT-23-5 package at
room temperature, on a minimum footprint board and there-
fore would operate properly.
Multilayer boards with a ground plane, wide traces near the
pads, and large supply-bus lines will have better thermal
conductivity.
For additional heat sink characteristics, please refer to Micrel
Application Hint 17, “Designing P.C. Board Heat Sinks”,
included in Micrel’s
Databook. For a full discussion of heat
sinking and thermal effects on voltage regulators, refer to
Regulator Thermals section of Micrel’s
Designing with Low-
Dropout Voltage Regulators handbook.
Fixed Regulator Circuits
MIC5219-x.x
IN
OUT
GND
1µF
VIN
VOUT
EN
BYP
Figure 5. Low-Noise Fixed Voltage Regulator
Figure 5 shows a basic MIC5219-x.xBMX fixed-voltage regu-
lator circuit. A 1
µF minimum output capacitor is required for
basic fixed-voltage applications.
MIC5219-x.x
IN
OUT
GND
470pF
VIN
EN
BYP
2.2µF
VOUT
Figure 6. Ultra-Low-Noise Fixed Voltage Regulator
Figure 6 includes the optional 470pF noise bypass capacitor
between BYP and GND to reduce output noise. Note that the
minimum value of C
OUT must be increased when the bypass
capacitor is used.
Adjustable Regulator Circuits
MIC5219
IN
OUT
GND
VIN
EN
ADJ
1µF
VOUT
R1
R2
Figure 7. Low-Noise Adjustable Voltage Regulator
Figure 7 shows the basic circuit for the MIC5219 adjustable
regulator. The output voltage is configured by selecting
values for R1 and R2 using the following formula:
V
1.242V
R2
R1
1
OUT =+


Although ADJ is a high-impedance input, for best perfor-
mance, R2 should not exceed 470k
Ω.
MIC5219
IN
OUT
GND
VIN
EN
ADJ
2.2µF
VOUT
R1
R2
470pF
Figure 8. Ultra-Low-Noise Adjustable Application.
Figure 8 includes the optional 470pF bypass capacitor from
ADJ to GND to reduce output noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com