Electronic Components Datasheet Search
  English  ▼

X  

TC7SP98TU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7SP98TU
Description  Low Voltage Single Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SP98TU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SP98TU Datasheet HTML 1Page - Toshiba Semiconductor TC7SP98TU Datasheet HTML 2Page - Toshiba Semiconductor TC7SP98TU Datasheet HTML 3Page - Toshiba Semiconductor TC7SP98TU Datasheet HTML 4Page - Toshiba Semiconductor TC7SP98TU Datasheet HTML 5Page - Toshiba Semiconductor TC7SP98TU Datasheet HTML 6Page - Toshiba Semiconductor TC7SP98TU Datasheet HTML 7Page - Toshiba Semiconductor TC7SP98TU Datasheet HTML 8Page - Toshiba Semiconductor TC7SP98TU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC7SP97,98TU
2007-10-19
2
Pin Assignment (top view)
Truth Table
OUTPUT
INPUTS
TC7SP97
TC7SP98
A
B
C
Y
Y
L
L
L
L
H
L
L
H
L
H
L
H
L
H
L
L
H
H
L
H
H
L
L
L
H
H
L
H
H
L
H
H
L
H
L
H
H
H
H
L
System Diagram
TC7SP97
TC7SP98
A
3
4
Y
B
1
C
6
A
3
4
Y
B
1
C
6
TC7SP97TU
6
5
4
1
2
3
EPE
VCC
A
GND
B
C
Y
TC7SP98TU
6
5
4
1
2
3
EPF
VCC
A
GND
B
C
Y



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com