Electronic Components Datasheet Search
  English  ▼

X  

SN75176A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75176A
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75176A Datasheet(HTML) 2 Page - Texas Instruments

  SN75176A Datasheet HTML 1Page - Texas Instruments SN75176A Datasheet HTML 2Page - Texas Instruments SN75176A Datasheet HTML 3Page - Texas Instruments SN75176A Datasheet HTML 4Page - Texas Instruments SN75176A Datasheet HTML 5Page - Texas Instruments SN75176A Datasheet HTML 6Page - Texas Instruments SN75176A Datasheet HTML 7Page - Texas Instruments SN75176A Datasheet HTML 8Page - Texas Instruments SN75176A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SN75176A
DIFFERENTIAL BUS TRANSCEIVER
SLLS100A – JUNE 1984 – REVISED MAY 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Function Tables
DRIVER
INPUT
ENABLE
OUTPUTS
D
DE
A
B
H
H
H
L
L
H
L
H
X
L
Z
Z
RECEIVER
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
A – B
RE
R
VID ≥ 0.2 V
L
H
– 0.2 V < VID < 0.2 V
L
?
VID ≤ – 0.2 V
L
L
X
H
Z
Open
L
?
H = high level, L = low level, ? = indeterminate,
X = irrelevant, Z = high impedance (off)
logic symbol†
RE
DE
1
1
2
B
A
7
6
EN2
EN1
R
D
1
4
2
3
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram (positive logic)
DE
RE
R
6
7
3
1
2
B
A
Bus
D
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com