Electronic Components Datasheet Search
  English  ▼

X  

SN75176AD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75176AD
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75176AD Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75176AD Datasheet HTML 5Page - Texas Instruments SN75176AD Datasheet HTML 6Page - Texas Instruments SN75176AD Datasheet HTML 7Page - Texas Instruments SN75176AD Datasheet HTML 8Page - Texas Instruments SN75176AD Datasheet HTML 9Page - Texas Instruments SN75176AD Datasheet HTML 10Page - Texas Instruments SN75176AD Datasheet HTML 11Page - Texas Instruments SN75176AD Datasheet HTML 12Page - Texas Instruments SN75176AD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SN75176A
DIFFERENTIAL BUS TRANSCEIVER
SLLS100A – JUNE 1984 – REVISED MAY 1995
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
VOH
0.5 V
≈ 1.3 V
tPHZ
Output
Input
1.5 V
0 V
3 V
S1 to 1.5 V
S2 Closed
S3 Closed
tPLZ
≈ 1.3 V
VOL
0.5 V
Output
Input
1.5 V
0 V
3 V
≈ 4.5 V
VOL
1.5 V
S3 Open
S2 Closed
S1 to –1.5 V
0 V
1.5 V
3 V
tPZL
Output
Input
0 V
1.5 V
VOH
0 V
Output
Input
tPZH
S3 Closed
S2 Open
S1 to 1.5 V
1.5 V
3 V
TEST CIRCUIT
50
Ω
1N916 or Equivalent
S3
5 V
S2
2 k
Ω
5 k
Ω
S1
–1.5 V
1.5 V
VOLTAGE WAVEFORMS
S1 to – 1.5 V
S2 Closed
S3 Closed
Generator
(see Note A)
CL = 15 pF
(see Note B)
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 7. Receiver Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com