Electronic Components Datasheet Search
  English  ▼

X  

PM10CSJ060 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PM10CSJ060
Description  Intellimod??Module Three Phase IGBT Inverter Output (10 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM10CSJ060 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PM10CSJ060 Datasheet HTML 1Page - Powerex Power Semiconductors PM10CSJ060 Datasheet HTML 2Page - Powerex Power Semiconductors PM10CSJ060 Datasheet HTML 3Page - Powerex Power Semiconductors PM10CSJ060 Datasheet HTML 4Page - Powerex Power Semiconductors PM10CSJ060 Datasheet HTML 5Page - Powerex Power Semiconductors PM10CSJ060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Three Phase
IGBT Inverter Output
10 Amperes/600 Volts
PM10CSJ060
Outline Drawing and Circuit Diagram
457
Description:
Powerex Intellimod™ Intelligent
Power Modules are isolated base
modules designed for power
switching applications operating
at frequencies to 20kHz. Built-in
control circuits provide optimum
gate drive and protection for the
IGBT and free-wheel diode
power devices.
Features:
□ Complete Output Power
Circuit
□ Gate Drive Circuit
□ Protection Logic
– Short Circuit
– Over Current
– Over Temperature
– Under Voltage
Applications:
□ Inverters
□ UPS
□ Motion/Servo Control
□ Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM10CSJ060 is a 600V,
10 Ampere Intellimod™ Intelligent
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
10
60
Dimensions
Inches
Millimeters
A
3.72
±0.04
94.5
±1.0
B
3.33
±0.02
84.5
±0.5
C
2.99
76.0
D
2.300
±0.02
58.42
±0.5
E
2.20
±0.02
56.0
±0.5
F
1.73
±0.04
44.0
±1.0
G
1.32
±0.02
33.6
±0.5
H
1.01
25.7
J
0.75
19.0
K
0.71
±0.04
18.0
±1.0
Dimensions
Inches
Millimeters
L
0.561
14.25
M
0.55
±0.01
14.0
±0.25
N
0.513
13.04
P
0.31
±0.02
8.0
±0.5
Q
0.300
7.62
R
0.20 Rad.
Rad. 5.0
S
0.18 Dia.
Dia. 4.5
T
0.14
3.5
U
0.13
±0.02
3.2
±0.5
V
0.100
±0.01
2.54
±0.25
A
E
D
C
Q
Q
V
Q
H J
F
G
T
P
K
U
1.
2.
3.
4.
5.
6.
7.
8.
9.
V
V
V
V
V
UPI
10.
11.
12.
13.
14.
15.
16.
17.
18.
19.
20.
W
V
U
N
P
VN1
UPC
VPI
VPC
V
V
WPI
WPC
NC
1
MMMM
2.0 X 0.5 MM TAB (5 TYP.)
PN
UV
W
21.
22.
23.
F O
V
W
U
N
N
N
WP
WFO
VP
UP
VFO
O
UF
2 3 4
567 8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
0.6 X 0.4 MM TAB (18 TYP.)
(14 TYP.)
N
B
L
S - DIA.
(2 TYP.)
R (2 TYP.)
T
T
C
B
GND
P
U
V
W
N


Similar Part No. - PM10CSJ060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
925Kb / 6P
USING INTELLIGENT POWER MODULES
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM10CSJ060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100CVA060 POWEREX-PM100CVA060 Datasheet
85Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
PM150CSA060 POWEREX-PM150CSA060 Datasheet
85Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM150CVA060 POWEREX-PM150CVA060 Datasheet
73Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM200CSA060 POWEREX-PM200CSA060 Datasheet
85Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM200CVA060 POWEREX-PM200CVA060 Datasheet
73Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM300CSD060 POWEREX-PM300CSD060 Datasheet
94Kb / 4P
Intellimod??Module Three Phase IGBT Inverter Output (300 Amperes/600 Volts)
PM300CVA060 POWEREX-PM300CVA060 Datasheet
73Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (300 Amperes/600 Volts)
PM30CSJ060 POWEREX-PM30CSJ060 Datasheet
66Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (30 Amperes/600 Volts)
PM50CSD060 POWEREX-PM50CSD060 Datasheet
83Kb / 4P
Intellimod??Module Three Phase IGBT Inverter Output (50 Amperes/600 Volts)
PM75CSD060 POWEREX-PM75CSD060 Datasheet
83Kb / 4P
Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com