Electronic Components Datasheet Search
  English  ▼

X  

TPS7101QD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7101QD
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7101QD Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS7101QD Datasheet HTML 17Page - Texas Instruments TPS7101QD Datasheet HTML 18Page - Texas Instruments TPS7101QD Datasheet HTML 19Page - Texas Instruments TPS7101QD Datasheet HTML 20Page - Texas Instruments TPS7101QD Datasheet HTML 21Page - Texas Instruments TPS7101QD Datasheet HTML 22Page - Texas Instruments TPS7101QD Datasheet HTML 23Page - Texas Instruments TPS7101QD Datasheet HTML 24Page - Texas Instruments TPS7101QD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 29
2.03
2.01
2.08
2
2.06
2.04
2.07
MINIMUM INPUT VOLTAGE FOR ACTIVE
PASS ELEMENT
vs
FREE-AIR TEMPERATURE
2.1
2.09
2.05
2.02
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
RL = 500 Ω
Figure 30
1.08
1.07
1.06
1.05
1.09
MINIMUM INPUT VOLTAGE FOR VALID
POWER GOOD (PG)
vs
FREE-AIR TEMPERATURE
1.1
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
50
40
20
10
0
90
30
70
60
80
EN INPUT CURRENT
vs
FREE-AIR TEMPERATURE
100
– 40 – 20
0
20
40
60
80
100
120
140
VI = VI(EN) = 10 V
TA – Free-Air Temperature – °C
Figure 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com