Electronic Components Datasheet Search
  English  ▼

X  

TPS7101QPW Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS7101QPW
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7101QPW Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS7101QPW Datasheet HTML 15Page - Texas Instruments TPS7101QPW Datasheet HTML 16Page - Texas Instruments TPS7101QPW Datasheet HTML 17Page - Texas Instruments TPS7101QPW Datasheet HTML 18Page - Texas Instruments TPS7101QPW Datasheet HTML 19Page - Texas Instruments TPS7101QPW Datasheet HTML 20Page - Texas Instruments TPS7101QPW Datasheet HTML 21Page - Texas Instruments TPS7101QPW Datasheet HTML 22Page - Texas Instruments TPS7101QPW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
0.01
0.1
f – Frequency – Hz
TPS7101Q
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
1
10
10
102
103
104
105
CO = 4.7 µF (CSR = 1 Ω)
CO = 100 µF (CSR = 1 Ω)
CO = 10 µF (CSR = 1 Ω)
TA = 25°C
No Input Capacitance
VI = 3.5 V
VO Programmed to 2.5 V
Figure 22
10
f – Frequency – Hz
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
10
1
0.1
0.01
CO = 10 µF (CSR = 1 Ω)
CO = 100 µF (CSR = 1 Ω)
CO = 4.7 µF (CSR = 1 Ω)
TA = 25°C
No Input Capacitance
VI = 4.3 V
TPS7133Q
102
103
104
105
Figure 23
0.01
10
100
1 k
10 k
100 k
0.1
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
1
10
CO = 10 µF (CSR = 1 Ω)
CO = 4.7 µF (CSR = 1 Ω)
CO = 100 µF (CSR = 1 Ω)
f – Frequency – Hz
TPS7148Q
TA = 25°C
No Input Capacitance
VI = 5.85 V
Figure 24
10
100
1 k
10 k
100 k
CO = 10 µF (CSR = 1 Ω)
CO = 4.7 µF (CSR = 1 Ω)
CO = 100 µF (CSR = 1 Ω)
f – Frequency – Hz
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
TPS7150Q
10
1
0.1
0.01
TA = 25°C
No Input Capacitance
VI = 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com