Electronic Components Datasheet Search
  English  ▼

X  

TC7SZ02F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SZ02F
Description  2 INPUT NOR GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ02F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SZ02F Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ02F Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ02F Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ02F Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ02F Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ02F Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ02F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7SZ02F/FU
2007-11-01
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
VCC
× 0.88
⎯
⎯
VCC
× 0.88
⎯
High-level input
voltage
VIH
⎯
2.3~5.5
VCC
× 0.75
⎯
⎯
VCC
× 0.75
⎯
V
1.8
⎯
⎯
VCC
× 0.12
⎯
VCC
× 0.12
Low-level input
voltage
VIL
⎯
2.3~5.5
⎯
⎯
VCC
× 0.25
⎯
VCC
× 0.25
V
1.8
1.7
1.8
⎯
1.7
⎯
2.3
2.2
2.3
⎯
2.2
⎯
3.0
2.9
3.0
⎯
2.9
⎯
IOH = −100 μA
4.5
4.4
4.5
⎯
4.4
⎯
IOH = −8 mA
2.3
1.9
2.15
⎯
1.9
⎯
IOH = −16 mA
3.0
2.4
2.8
⎯
2.4
⎯
IOH = −24 mA
3.0
2.3
2.68
⎯
2.3
⎯
High-level
output voltage
VOH
VIN = VIL
IOH = −32 mA
4.5
3.8
4.2
⎯
3.8
⎯
V
1.8
⎯
0
0.1
⎯
0.1
2.3
⎯
0
0.1
⎯
0.1
3.0
⎯
0
0.1
⎯
0.1
IOL = 100 μA
4.5
⎯
0
0.1
⎯
0.1
IOL = 8 mA
2.3
⎯
0.1
0.3
⎯
0.3
IOL = 16 mA
3.0
⎯
0.15
0.4
⎯
0.4
IOL = 24 mA
3.0
⎯
0.22
0.55
⎯
0.55
Low-level
output voltage
VOL
VIN = VIH
or VIL
IOL = 32 mA
4.5
⎯
0.22
0.55
⎯
0.55
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0-5.5
⎯
⎯
±1
⎯
±10
μA
Power off
leakage current
IOFF
VIN or VOUT = 5.5 V
0.0
⎯
⎯
1
⎯
10
μA
Quiescent
supply current
ICC
VIN = VCC or GND
5.5
⎯
⎯
2
⎯
20
μA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com