Electronic Components Datasheet Search
  English  ▼

X  

TC7WH04FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7WH04FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH04FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7WH04FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WH04FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WH04FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WH04FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WH04FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WH04FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WH04FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7WH04FU/FK
2007-11-01
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.50
⎯
⎯
1.50
⎯
High-level input voltage
VIH
⎯
3.0~
5.5
VCC ×
0.7
⎯
⎯
VCC ×
0.7
⎯
V
2.0
⎯
⎯
0.50
⎯
0.50
V
Low-level input voltage
VIL
⎯
3.0~
5.5
⎯
⎯
VCC ×
0.3
⎯
VCC ×
0.3
2.0
1.9
2.0
⎯
1.9
⎯
3.0
2.9
3.0
⎯
2.9
⎯
IOH = −50 μA
4.5
4.4
4.5
⎯
4.4
⎯
IOH = −4 mA
3.0
2.58
⎯
⎯
2.48
⎯
High-level output voltage
VOH
VIN = VIL
IOH = −8 mA
4.5
3.94
⎯
⎯
3.80
⎯
V
2.0
⎯
0.0
0.1
⎯
0.1
3.0
⎯
0.0
0.1
⎯
0.1
IOL = 50 μA
4.5
⎯
0.0
0.1
⎯
0.1
IOL = 4 mA
3.0
⎯
⎯
0.36
⎯
0.44
Low-level output voltage
VOL
VIN = VIH
IOL = 8 mA
4.5
⎯
⎯
0.36
⎯
0.44
V
Input leakage current
IIN
VIN = 5.5 V or GND
0~
5.5
⎯
⎯
±0.1
⎯
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
⎯
⎯
2.0
⎯
20.0
μA
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
⎯
5.0
7.1
1.0
8.5
3.3
± 0.3
50
⎯
7.5
10.6
1.0
12.0
15
⎯
3.8
5.5
1.0
6.5
Propagation delay time
tpLH
tpHL
⎯
5.0
± 0.5
50
⎯
5.3
7.5
1.0
8.5
ns
Input capacitance
CIN
⎯
⎯
4
10
⎯
10
pF
Power dissipation capacitance
CPD
(Note)
⎯
18
⎯
⎯
⎯
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com