Electronic Components Datasheet Search
  English  ▼

X  

CUS01 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CUS01
Description  Portable Equipment Battery Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS01 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CUS01_06 Datasheet HTML 1Page - Toshiba Semiconductor CUS01_06 Datasheet HTML 2Page - Toshiba Semiconductor CUS01_06 Datasheet HTML 3Page - Toshiba Semiconductor CUS01_06 Datasheet HTML 4Page - Toshiba Semiconductor CUS01_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CUS01
2006-11-13
1
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CUS01
Portable Equipment Battery Application
• Forward voltage: VFM = 0.37 V (max) @IF = 0.7 A
• Average forward current: IF (AV) = 1.0 A
• Repetitive peak reverse voltage: VRRM = 30 V
• Suitable for compact assembly due to small surface-mount package
“US−FLATTM” (Toshiba package name)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
30
V
Average forward current
IF (AV)
1.0
(Note 1)
A
Peak one cycle surge forward current
IFSM
20 (50 Hz)
A
Junction temperature
Tj
−40 to 125
°C
Storage temperature range
Tstg
−40 to 150
°C
Note 1: TI = 86°C: Rectangular waveform (α = 180°), VR = 15 V
Note 2: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM (1)
IFM = 0.1 A
―
0.25
―
VFM (2)
IFM = 0.7 A
―
0.33
0.37
Peak forward voltage
VFM (3)
IFM = 1.0 A
―
0.39
―
V
IRRM (1)
VRRM = 5 V
―
50
―
μA
Repetitive peak reverse current
IRRM (2)
VRRM = 30 V
―
0.5
1.5
mA
Junction capacitance
Cj
VR = 10 V, f = 1.0 MHz
―
40
―
pF
Device mounted on a ceramic board
(soldering land: 2 mm × 2 mm)
―
―
75
Thermal resistance
(junction to ambient)
Rth (j-a)
Device mounted on a glass-epoxy
board
(soldering land: 6 mm × 6 mm)
―
―
150
°C/W
Thermal resistance (junction to lead)
Rth (j-I)
Junction to lead of cathode side
―
―
30
°C/W
Unit: mm
JEDEC
―
JEITA
TOSHIBA
3-2B1A
Weight: 0.004 g (typ.)


Similar Part No. - CUS01_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CUS01 TOSHIBA-CUS01 Datasheet
238Kb / 5P
Portable eqiupment battery application
16-Aug-2001
More results

Similar Description - CUS01_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CUS01 TOSHIBA-CUS01 Datasheet
238Kb / 5P
Portable eqiupment battery application
16-Aug-2001
U2FWJ44M TOSHIBA-U2FWJ44M Datasheet
250Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION PORTABLE EQUIPMENT BATTERY APPLICATION
logo
KODENSHI_AUK CORP.
STJ001SF KODENSHI-STJ001SF Datasheet
465Kb / 8P
PORTABLE EQUIPMENT APPLICATION
STJ004SF KODENSHI-STJ004SF Datasheet
465Kb / 8P
PORTABLE EQUIPMENT APPLICATION
STK003SF KODENSHI-STK003SF Datasheet
459Kb / 8P
PORTABLE EQUIPMENT APPLICATION
STK004SF KODENSHI-STK004SF Datasheet
457Kb / 8P
PORTABLE EQUIPMENT APPLICATION
logo
Toshiba Semiconductor
CUS05 TOSHIBA-CUS05 Datasheet
180Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
CUS06 TOSHIBA-CUS06 Datasheet
174Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
logo
Renesas Technology Corp
ISL88705 RENESAS-ISL88705 Datasheet
912Kb / 16P
Portable/Battery Powered Equipment
logo
Shenzhen Guan Hua Wei Y...
WSD45P10DN56 WIINSOK-WSD45P10DN56 Datasheet
1Mb / 5P
Portable equipment and battery
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com