Electronic Components Datasheet Search
  English  ▼

X  

TLP3240 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3240
Description  Logic IC Testers / Memory Testers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3240 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3240 Datasheet HTML 1Page - Toshiba Semiconductor TLP3240 Datasheet HTML 2Page - Toshiba Semiconductor TLP3240 Datasheet HTML 3Page - Toshiba Semiconductor TLP3240 Datasheet HTML 4Page - Toshiba Semiconductor TLP3240 Datasheet HTML 5Page - Toshiba Semiconductor TLP3240 Datasheet HTML 6Page - Toshiba Semiconductor TLP3240 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP3240
2007-10-01
3
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
ION = 100 mA
⎯
⎯
3
mA
Return LED current
IFC
IOFF = 1 μA
0.1
⎯
⎯
mA
On-state resistance
RON
ION = 120 mA, IF = 5 mA, t < 1 s
⎯
12
14
Ω
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS = 0 V, f = 1 MHz
⎯
0.6
⎯
pF
Isolation resistance
RS
VS = 500 V, R.H. <= 60%
5
× 1010
1014
⎯
Ω
AC, 1 minute
1500
⎯
⎯
AC, 1 second (in oil)
⎯
3000
⎯
Vrms
Isolation voltage
BVS
DC, 1 minute (in oil)
⎯
3000
⎯
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Turn-on time
tON
⎯
26
200
Turn-off time
tOFF
RL = 200 Ω
(Note 2)
VDD = 10 V, IF = 5 mA
⎯
140
200
μs
(Note 2): switching time test circuit
4
RL
VDD
VOUT
3
1
2
IF
VOUT
IF
tON
tOFF
90%
10%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com