Electronic Components Datasheet Search
  English  ▼

X  

TLP3542 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3542
Description  TESTERS DATA RECORDING EQUIPMENTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3542 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3542 Datasheet HTML 1Page - Toshiba Semiconductor TLP3542 Datasheet HTML 2Page - Toshiba Semiconductor TLP3542 Datasheet HTML 3Page - Toshiba Semiconductor TLP3542 Datasheet HTML 4Page - Toshiba Semiconductor TLP3542 Datasheet HTML 5Page - Toshiba Semiconductor TLP3542 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3542
2007-10-01
1
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3542
TESTERS
DATA RECORDING EQUIPMENTS
MEASUREMENT EQUIPMENTS
The TOSHIBA TLP3542 consist of a aluminum gallium arsenide infrared
emitting diode optically coupled to a photo-MOS FET in a plastic DIP
package.
The TLP3452 series are a bi-directional switch, which can replace
mechanical relays in many applications. And its high on-state current
maximum rating is suitable to control a power line.
• 6 pin DIP (DIP6)
• 1-Form-A
• Peak Off-State Voltage
: 60 V (MIN.)
• Trigger LED Current
: 3 mA (MAX.)
• On-State Current
: 2.5 A (MAX.)
• On-State Resistance
: 100 m
Ω (MAX.)
• Output capacitance
: 600 pF (MAX.)
• Isolation Voltage
: 2500 Vrms (MIN.)
•
Pin Configuration (top view)
1 : ANODE
2 : CATHODE
3 : N.C.
4 : DRAIN D1
6 : DRAIN D2
1
2
3
6
4
Schematic
1
2
6
4
Unit: mm
JEDEC
EIAJ
TOSHIBA
11
−7A9
Weight: 0.4 g


Similar Part No. - TLP3542

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3542 TOSHIBA-TLP3542 Datasheet
84Kb / 4P
TESTERS DATA RECORDING EQUIPMENT MEASURING EQUIPMENT
03-Jul-2003
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
More results

Similar Description - TLP3542

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
07-Jul-2003
TLP3114 TOSHIBA-TLP3114 Datasheet
73Kb / 4P
Logic IC Testers/memory Testers Board Testers/Scanners
07-Jun-2001
TLP3542 TOSHIBA-TLP3542 Datasheet
84Kb / 4P
TESTERS DATA RECORDING EQUIPMENT MEASURING EQUIPMENT
03-Jul-2003
TLP3122 TOSHIBA-TLP3122 Datasheet
149Kb / 6P
Logic Testers / Memory Testers
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3216 TOSHIBA-TLP3216 Datasheet
249Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3230 TOSHIBA-TLP3230_07 Datasheet
249Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3250 TOSHIBA-TLP3250 Datasheet
266Kb / 7P
Logic IC Testers / Memory Testers
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com