Electronic Components Datasheet Search
  English  ▼

X  

TC74AC74P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74AC74P
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop with Preset and Clear
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC74P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74AC74P Datasheet HTML 1Page - Toshiba Semiconductor TC74AC74P Datasheet HTML 2Page - Toshiba Semiconductor TC74AC74P Datasheet HTML 3Page - Toshiba Semiconductor TC74AC74P Datasheet HTML 4Page - Toshiba Semiconductor TC74AC74P Datasheet HTML 5Page - Toshiba Semiconductor TC74AC74P Datasheet HTML 6Page - Toshiba Semiconductor TC74AC74P Datasheet HTML 7Page - Toshiba Semiconductor TC74AC74P Datasheet HTML 8Page - Toshiba Semiconductor TC74AC74P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74AC74P/F/FN/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC74P,TC74AC74F,TC74AC74FN,TC74AC74FT
Dual D-Type Flip Flop with Preset and Clear
The TC74AC74 is an advanced high speed CMOS D-FLIP
FLOP fabricated with silicon gate and double-layer metal wiring
C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The signal level applied to the D INPUT is transferred to Q
OUTPUT during the positive going transition of the CK pulse.
CLR and PR are independent of the CK and are
accomplished by setting the appropriate input to an “L” level.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 200 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 V to 5.5 V
• Pin and function compatible with 74F74
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74AC74P
TC74AC74F
TC74AC74FN
TC74AC74FT
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


Similar Part No. - TC74AC74P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC74P TOSHIBA-TC74AC74P Datasheet
290Kb / 7P
DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
17-May-2001
More results

Similar Description - TC74AC74P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7W74FK KEC-KIC7W74FK Datasheet
315Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
KIC7WZ74FK KEC-KIC7WZ74FK Datasheet
46Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
logo
Toshiba Semiconductor
TC7WG74FC TOSHIBA-TC7WG74FC Datasheet
179Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
TC7WG74FU TOSHIBA-TC7WG74FU Datasheet
197Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
TC7WH74FC TOSHIBA-TC7WH74FC Datasheet
148Kb / 6P
CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
TC74AC112P TOSHIBA-TC74AC112P_07 Datasheet
313Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74ACT74P TOSHIBA-TC74ACT74P_07 Datasheet
274Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop with Preset and Clear
TC74ACT112P TOSHIBA-TC74ACT112P Datasheet
311Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74HC74AP TOSHIBA-TC74HC74AP_07 Datasheet
312Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop Preset and Clear
TC74HC109AF TOSHIBA-TC74HC109AF_07 Datasheet
313Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com