Electronic Components Datasheet Search
  English  ▼

X  

DF5A3.3F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DF5A3.3F
Description  Diodes for Protecting against ESD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF5A3.3F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DF5A3.3F Datasheet HTML 1Page - Toshiba Semiconductor DF5A3.3F Datasheet HTML 2Page - Toshiba Semiconductor DF5A3.3F Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DF5A3.3F
2007-11-21
1
TOSHIBA Diodes for Protecting against ESD
DF5A3.3F
Diodes for Protecting against ESD
* This product is for protection against electrostatic discharge (ESD) only
and is not intended for any other usage, including without limitation,
the constant voltage diode application.
The mounting of two devices on an ultra-compact package allows the
number of parts and the mounting cost to be reduced.
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Power dissipation
P
200
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Zener voltage
VZ
IZ = 5 mA
3.1
3.3
3.5
V
Dynamic impedance
ZZ
IZ = 5 mA
―
―
130
Ω
Reverse current
IR
VR = 1 V
―
―
20
μA
Terminal capacitance
(between Cathode and Anode)
CT
VR = 0 V, f = 1 MHz
―
115
―
pF
Guaranteed Level of ESD Immunity
Test Condition
ESD Immunity Level
IEC61000-4-2
(Contact discharge)
± 30 kV
Criterion: No damage to device elements
Unit: mm
1.CATHODE 1
2. ANODE
3.CATHODE2
4.CATHODE3
5.CATHODE4
JEDEC
⎯
JEITA
⎯
TOSHIBA
1-3H1A
Weight: 0.014g (typ.)


Similar Part No. - DF5A3.3F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF5A3.3FU TOSHIBA-DF5A3.3FU Datasheet
163Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD)
More results

Similar Description - DF5A3.3F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
01BZA8 TOSHIBA-01BZA8 Datasheet
90Kb / 2P
DIODES (DIODES FOR PROTECTING AGAINST ESD)
25-Mar-1998
01ZA8 TOSHIBA-01ZA8 Datasheet
88Kb / 2P
DIODES( DIODES FOR PROTECTING AGAINST ESD)
DF546 TOSHIBA-DF546 Datasheet
84Kb / 2P
DIODES (DIODES FOR PROTECTING AGAINST ESD)
17-Feb-1999
DF5A6 TOSHIBA-DF5A6 Datasheet
85Kb / 2P
DIODES (DIODES FOR PROTECTING AGAINST ESD)
25-Mar-1999
DF5A8 TOSHIBA-DF5A8 Datasheet
84Kb / 2P
DIODES (DIODES FOR PROTECTING AGAINST ESD)
17-Feb-1999
DF5A82FU TOSHIBA-DF5A82FU Datasheet
85Kb / 2P
DIODES (DIODES FOR PROTECTING AGAINST ESD)
25-Mar-1999
DF5A68FU TOSHIBA-DF5A68FU Datasheet
158Kb / 3P
DIODES FOR PROTECTING AGAINST ESD
DF5A8.2LF TOSHIBA-DF5A8.2LF Datasheet
94Kb / 3P
Diodes for Protecting Against ESD
16-Jan-2002
DF3A6.8LFE TOSHIBA-DF3A6.8LFE Datasheet
96Kb / 3P
Diodes for Protecting Against ESD
DF3A8.2LFU TOSHIBA-DF3A8.2LFU Datasheet
91Kb / 3P
DIODES FOR PROTECTING AGAINST ESD
16-Jan-2002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com