Electronic Components Datasheet Search
  English  ▼

X  

TLP3041 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3041
Description  OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3041 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3041 Datasheet HTML 1Page - Toshiba Semiconductor TLP3041 Datasheet HTML 2Page - Toshiba Semiconductor TLP3041 Datasheet HTML 3Page - Toshiba Semiconductor TLP3041 Datasheet HTML 4Page - Toshiba Semiconductor TLP3041 Datasheet HTML 5Page - Toshiba Semiconductor TLP3041 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP3041(S),TLP3042(S),TLP3043(S)
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Forward Voltage
VF
IF = 10mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5V
⎯
⎯
10
μA
Capacitance
CT
V = 0, f = 1MHz
⎯
10
⎯
pF
Peak Off-State Current
IDRM
VDRM = 400V
⎯
10
100
nA
Peak On-Stage Voltage
VTM
ITM = 100mA
⎯
1.7
3.0
V
Holding Current
IH
⎯
⎯
0.6
⎯
mA
Critical Rate of Rise of Off-
State Voltage
dv / dt
Vin = 120Vrms, Ta = 85°C (Fig.1)
200
500
⎯
V /
μs
Critical Rate of Rise of
Commutating Voltage
dv / dt(c)
Vin = 30Vrms, IT = 15mA (Fig.1)
⎯
0.2
⎯
V /
μs
Coupled Electrical Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
TLP3041(S)
⎯
⎯
15
TLP3042(S)
⎯
5
10
Trigger LED Current
TLP3043(S)
IFT
VT = 3V
⎯
⎯
5
mA
Inhibit Voltage
VIH
IF = Rated IFT
⎯
⎯
40
V
Leakage in Inhibited State
IIH
IF = Rated IFT
VT = Rated VDRM
⎯
100
300
μA
Capacitance Input to Output
CS
VS = 0, f = 1MHz
⎯
0.8
⎯
pF
Isolation Resistance
RS
VS = 500V (R.H. ≤ 60%)
5
×10
10
10
14
⎯
Ω
AC, 1 minute
5000
⎯
⎯
AC, 1 second (in oil)
⎯
10000
⎯
Vrms
Isolation Voltage
BVS
DC, 1 minute (in oil)
⎯
10000
⎯
Vdc
Fig. 1
dv / dt test circuit
+
5V,VCC
dv / dt(c)
0V
Vin
dv / dt
~
Rin
RL
2kΩ
1
2
3
6
4
VCC
120Ω
+
−



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com