Electronic Components Datasheet Search
  English  ▼

X  

TLP3022 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3022
Description  OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3022 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3022 Datasheet HTML 1Page - Toshiba Semiconductor TLP3022 Datasheet HTML 2Page - Toshiba Semiconductor TLP3022 Datasheet HTML 3Page - Toshiba Semiconductor TLP3022 Datasheet HTML 4Page - Toshiba Semiconductor TLP3022 Datasheet HTML 5Page - Toshiba Semiconductor TLP3022 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP3021(S),TLP3022(S),TLP3023(S)
2007-10-01
3
Individual Electrical Characteristics (Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
—
—
10
μA
Capacitance
CT
V = 0, f=1MHz
—
10
—
pF
Peak Off-State Current
IDRM
VDRM=400V
—
10
1000
nA
Peak On-State Voltage
VTM
ITM=100mA
—
1.7
3.0
V
Holding Current
IH
—
—
0.6
—
mA
Critical Rate of Rise of
Off-State Voltage
dv/dt
Vin=120Vrms , Ta=85°C
(Fig.1)
200
500
—
V/μs
Critical Rate of Rise of
Commutating Voltage
dv/dt(c)
Vin=30Vrms , IT=15mA
(Fig.1)
—
0.2
—
V/μs
Coupled Electrical Characteristics (Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
TLP3021(S)
—
—
15
TLP3022(S)
—
5
10
Trigger LED Current
TLP3023(S)
IFT
VT=3V
—
—
5
mA
Capacitance (Input to Output)
CS
VS=0 , f=1MHz
—
0.8
—
pF
Isolation Resistance
RS
VS=500V(R.H.≤60%)
5×10
10
10
14
—
Ω
AC , 1minute
5000
—
—
AC , 1second,in oil
—
10000
—
Vrms
Isolation Voltage
BVS
DC , 1minute,in oil
—
10000
—
Vdc
Fig. 1
dv / dt test circuit
+
5V,VCC
dv / dt(c)
0V
Vin
dv / dt
~
Rin
RL
2kΩ
1
2
3
6
4
VCC
120Ω
+
−



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com