Electronic Components Datasheet Search
  English  ▼

X  

74HC151 Datasheet(PDF) 1 Page - Solid State Inc

Part # 74HC151
Description  8-Channel Digital Multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74HC151 Datasheet(HTML) 1 Page - Solid State Inc

  74HC151 Datasheet HTML 1Page - Solid State Inc 74HC151 Datasheet HTML 2Page - Solid State Inc 74HC151 Datasheet HTML 3Page - Solid State Inc 74HC151 Datasheet HTML 4Page - Solid State Inc 74HC151 Datasheet HTML 5Page - Solid State Inc 74HC151 Datasheet HTML 6Page - Solid State Inc 74HC151 Datasheet HTML 7Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 1983
Revised February 1999
MM74HC151
8-Channel Digital Multiplexer
General Description
The MM74HC151 high speed Digital multiplexer utilizes
advanced silicon-gate CMOS technology. Along with the
high noise immunity and low power dissipation of standard
CMOS integrated circuits, it possesses the ability to drive
10 LS-TTL loads. The MM74HC151 selects one of the 8
data sources, depending on the address presented on the
A, B, and C inputs. It features both true (Y) and comple-
ment (W) outputs. The STROBE input must be at a low
logic level to enable this multiplexer. A high logic level at
the STROBE forces the W output HIGH and the Y output
LOW.
The 74HC logic family is functionally as well as pin-out
compatible with the standard 74LS logic family. All inputs
are protected from damage due to static discharge by inter-
nal diode clamps to VCC and ground.
Features
s Typical propagation delay data select to output Y: 26 ns
s Wide operating supply voltage range: 2–6V
s Low input current: 1
µA maximum
s Low quiescent supply current: 80
µA maximum (74HC)
s High output drive current: 4 mA minimum
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Truth Table
H
= HIGH Level, L = LOW Level, X = Don't Care
D0, D1...D7
= the level of the respective D input
Order Number
Package Number
Package Description
MM74HC151M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM74HC151SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC151MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC151N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Inputs
Outputs
Select
Strobe
CBA
S
Y
W
XX
X
H
L
H
LL
L
L
D0
D0
LL
H
L
D1
D1
LH
L
L
D2
D2
LH
H
L
D3
D3
HL
L
L
D4
D4
HL
H
L
D5
D5
HH
L
L
D6
D6
HHH
L
D7
D7


Similar Part No. - 74HC151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC151 PHILIPS-74HC151 Datasheet
48Kb / 7P
8-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HC151 NEXPERIA-74HC151 Datasheet
280Kb / 16P
8-input multiplexer
Rev. 10 - 19 October 2022
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
8-input multiplexer
74HC151BQ NEXPERIA-74HC151BQ Datasheet
280Kb / 16P
8-input multiplexer
Rev. 10 - 19 October 2022
logo
NXP Semiconductors
74HC151D PHILIPS-74HC151D Datasheet
48Kb / 7P
8-input multiplexer
December 1990
More results

Similar Description - 74HC151

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
8-Channel Digital Multiplexer
logo
National Semiconductor ...
MM54HCT151 NSC-MM54HCT151 Datasheet
137Kb / 4P
8-Channel Digital Multiplexer
MNMM54C151 NSC-MNMM54C151 Datasheet
15Kb / 7P
8-CHANNEL DIGITAL MULTIPLEXER
logo
Toshiba Semiconductor
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
8 - CHANNEL MULTIPLEXER
TC74HC151AP TOSHIBA-TC74HC151AP_07 Datasheet
340Kb / 10P
8-Channel Multiplexer
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151_01 Datasheet
338Kb / 12P
8 CHANNEL MULTIPLEXER
Jul-2001
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
8-Channel Multiplexer
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
8-Channel Multiplexer
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
8-CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com