Electronic Components Datasheet Search
  English  ▼

X  

PM200RSA060 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PM200RSA060
Description  Intellimod??Module Three Phase Brake IGBT Inverter Output (200 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM200RSA060 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PM200RSA060 Datasheet HTML 1Page - Powerex Power Semiconductors PM200RSA060 Datasheet HTML 2Page - Powerex Power Semiconductors PM200RSA060 Datasheet HTML 3Page - Powerex Power Semiconductors PM200RSA060 Datasheet HTML 4Page - Powerex Power Semiconductors PM200RSA060 Datasheet HTML 5Page - Powerex Power Semiconductors PM200RSA060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PM200RSA060
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
200 Amperes/600 Volts
2
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Characteristics
Symbol
PM200RSA060
Units
Power Device Junction Temperature
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Case Operating Temperature
TC
-20 to 100
°C
Mounting Torque, M5 Mounting Screws
—
17
in-lb
Mounting Torque, M5 Main Terminal Screw
—
17
in-lb
Module Weight (Typical)
—
920
Grams
Supply Voltage Protected by OC and SC (VD = 13.5 - 16.5V, Inverter Part, Tj = 125°C) VCC(prot.)
400
Volts
Isolation Voltage, AC 1 minute, 60Hz Sinsoidal
VRMS
2500
Volts
Control Sector
Supply Voltage Applied between (VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC)VD
20
Volts
Input Voltage Applied between (UP, VP, WP, UN, VN, WN, Br)VCIN
20
Volts
Fault Output Supply Voltage (Applied between FO-VNC, *FO-V*PC)VFO
20
Volts
Fault Output Current (Sink Current at FO Terminals)
IFO
20
mA
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V)
VCES
600
Volts
Collector Current,
±
IC
200
Amperes
Peak Collector Current,
±
ICP
400
Amperes
Supply Voltage (Applied between P - N)
VCC
450
Volts
Supply Voltage, Surge (Applied between P - N)
VCC(surge)
500
Volts
Collector Dissipation
PC
595
Watts
Brake Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V)
VCES
600
Volts
Collector Current,
±
IC
75
Amperes
Peak Collector Current,
±
ICP
150
Amperes
Supply Voltage (Applied between P - N)
VCC
450
Volts
Supply Voltage, Surge (Applied between P - N)
VCC(surge)
500
Volts
Collector Dissipation
PC
370
Watts
Diode Forward Current
IF
75
Amperes
Diode DC Reverse Voltage
VR(DC)
600
Volts



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com