Electronic Components Datasheet Search
  English  ▼

X  

HSC-08 Datasheet(PDF) 1 Page - Same Sky Devices

Part # HSC-08
Description  HEAT SINK CLIP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

HSC-08 Datasheet(HTML) 1 Page - Same Sky Devices

  HSC-08 Datasheet HTML 1Page - Same Sky Devices HSC-08 Datasheet HTML 2Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date 09/12/2024
page 1 of 2
MODEL: HSC-08 | DESCRIPTION: HEAT SINK CLIP
sameskydevices.com
FEATURES
• use with heat sink HSE06-503045, HSE07-753045,
HSE08-505028, HSE09-755028
• aluminum alloy
MECHANICAL DRAWING
units: mm
tolerance: ±0.5 mm
MATERIAL
SUS 301
FINISH
clean
THICKNESS
0.4 mm
WEIGHT
1.5 g
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page


Similar Part No. - HSC-08

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
HSC-01 SAMESKY-HSC-01 Datasheet
168Kb / 2P
HEAT SINK CLIP
09/12/2024
HSC-02 SAMESKY-HSC-02 Datasheet
178Kb / 2P
HEAT SINK CLIP
09/12/2024
HSC-03 SAMESKY-HSC-03 Datasheet
172Kb / 2P
HEAT SINK CLIP
09/12/2024
HSC-04 SAMESKY-HSC-04 Datasheet
164Kb / 2P
HEAT SINK CLIP
09/12/2024
HSC-05 SAMESKY-HSC-05 Datasheet
171Kb / 2P
HEAT SINK CLIP
09/12/2024
More results

Similar Description - HSC-08

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1489948-2 MACOM-1489948-2 Datasheet
22Kb / 1P
HEAT SINK CLIP XFP
logo
Molex Electronics Ltd.
74736-0230 MOLEX8-74736-0230 Datasheet
52Kb / 1P
XFP CAGE. HEAT SINK CLIP
logo
List of Unclassifed Man...
384-1017 ETC2-384-1017 Datasheet
71Kb / 2P
Clip-On Heat Sink
logo
Molex Electronics Ltd.
0747500305 MOLEX11-0747500305 Datasheet
37Kb / 1P
QSFP Heat Sink Clip for 1-by-1 EMI Cages
0747830363 MOLEX11-0747830363 Datasheet
32Kb / 1P
QSFP Heat Sink Clip for 1-by-3 EMI Cages
logo
Amphenol Corporation
P-U90-A1X1-1X0X AMPHENOL-P-U90-A1X1-1X0X Datasheet
145Kb / 4P
HEAT SINK, HEAT SINK CLIP AND DUST COVER ARE SHIPPED LOOSE PIECE
logo
CUI INC
HSS-B20-02 CUI-HSS-B20-02 Datasheet
292Kb / 3P
HEAT SINK
logo
Molex Electronics Ltd.
1703281500 MOLEX1-1703281500 Datasheet
42Kb / 1P
Heat Sink Clip for zQSFP Stacked Integrated Connector
logo
CUI INC
HSE-18X CUI-HSE-18X Datasheet
512Kb / 6P
HEAT SINK
HSE-B18X-060H-W CUI-HSE-B18X-060H-W Datasheet
481Kb / 6P
HEAT SINK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com