Electronic Components Datasheet Search
  English  ▼

X  

PM20CSJ060 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PM20CSJ060
Description  Intellimod??Module Three Phase IGBT Inverter Output (20 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM20CSJ060 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PM20CSJ060 Datasheet HTML 1Page - Powerex Power Semiconductors PM20CSJ060 Datasheet HTML 2Page - Powerex Power Semiconductors PM20CSJ060 Datasheet HTML 3Page - Powerex Power Semiconductors PM20CSJ060 Datasheet HTML 4Page - Powerex Power Semiconductors PM20CSJ060 Datasheet HTML 5Page - Powerex Power Semiconductors PM20CSJ060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
471
PM20CSJ060
Intellimod™ Module
Three Phase IGBT Inverter Output
20 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Over Current Trip Level Inverter Part
OC
-20
°C ≤ T ≤ 125°C
28
38
—
Amperes
Short Circuit Trip Level Inverter Part
SC
-20
°C ≤ T ≤ 125°C
—
57
—
Amperes
Over Current Delay Time
toff(OC)
VD = 15V
—
10
—
µS
Over Temperature Protection
OT
Trip Level
100
110
120
°C
OTR
Reset Level
—
90
—
°C
Supply Circuit Under Voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
UVR
Reset Level
—
12.5
—
Volts
Supply Voltage
VD
Applied between VUP1-VUPC,
13.5
15
16.5
Volts
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Circuit Current
ID
VD = 15V, VCIN = 15V, VN1-VNC
—18
25
mA
VD = 15V, VCIN = 15V, VXP1-VXPC
—7
10
mA
Input ON Threshold Voltage
VCIN(on)
Applied between
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
VCIN(off)
UP, VP, WP, UN, VN, WN
1.7
2.0
2.3
Volts
PWM Input Frequency
fPWM
3-
Sinusoidal
—
15
20
kHz
Fault Output Current
IFO(H)
VD = 15V, VFO = 15V
—
—
0.01
mA
IFO(L)
VD = 15V, VFO = 15V
—
10
15
mA
Minimum Fault Output Pulse Width
tFO
VD = 15V
1.0
1.8
—
mS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com