Electronic Components Datasheet Search
  English  ▼

X  

TPS76301DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76301DBVT
Description  TPS763 Low-Power, 150-mA, Low-Dropout Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76301DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS76301DBVT Datasheet HTML 3Page - Texas Instruments TPS76301DBVT Datasheet HTML 4Page - Texas Instruments TPS76301DBVT Datasheet HTML 5Page - Texas Instruments TPS76301DBVT Datasheet HTML 6Page - Texas Instruments TPS76301DBVT Datasheet HTML 7Page - Texas Instruments TPS76301DBVT Datasheet HTML 8Page - Texas Instruments TPS76301DBVT Datasheet HTML 9Page - Texas Instruments TPS76301DBVT Datasheet HTML 10Page - Texas Instruments TPS76301DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TJ − Junction Temperature − °C
1.74
−35
5
1.8
1.78
−15
25
125
1.82
−55
45
65
85
105
IO = 150 mA
IO = 1 mA
1.75
1.79
1.76
1.81
1.77
VI = 3.5 V
CI = CO = 4.7 µF
TJ − Junction Temperature − °C
5.02
4.98
4.94
4.9
−35
5
5.04
5
4.96
4.92
−15
25
125
5.1
−55
45
65
5.06
5.08
85
105
IO = 150 mA
IO = 1 mA
VI = 6 V
CI = CO = 4.7 µF
IO − Output Current − mA
5
4.97
4.95
30
90
4.99
4.98
4.96
60
120
180
5.01
0
150
VI = 6 V
CI = CO = 4.7 µF
TJ = 25°C
TJ − Junction Temperature − °C
2.49
2.47
−35
5
2.5
2.48
−15
25
125
2.53
−55
45
65
2.51
2.52
85
105
IO = 150 mA
IO = 1 mA
VI = 3.5 V
CI = CO = 4.7 µF
IO − Output Current − mA
2.5
2.485
2.475
30
90
2.495
2.49
2.48
60
120
180
2.505
0
150
VI = 3.5 V
CI = CO = 4.7 µF
TJ = 25°C
IO − Output Current − mA
1.795
1.780
1.770
30
90
1.790
1.785
1.775
60
120
180
1.805
0
150
1.800
VI = 3.5 V
CI = CO = 4.7 µF
TJ = 25°C
7
TPS763
www.ti.com
SLVS181J – DECEMBER 1998 – REVISED SEPTEMBER 2019
Product Folder Links: TPS763
Submit Documentation Feedback
Copyright © 1998–2019, Texas Instruments Incorporated
11.1 Typical Characteristics
Figure 1. TPS76325 Output Voltage
vs Output Current
Figure 2. TPS76318 Output Voltage
vs Output Current
Figure 3. TPS76350 Output Voltage
vs Output Current
Figure 4. TPS76325 Output Voltage
vs Output Current
Figure 5. TPS76318 Output Voltage
vs Free-Air Temperature
Figure 6. TPS76350 Output Voltage
vs Free-Air Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com