Electronic Components Datasheet Search
  English  ▼

X  

TLP848 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP848
Description  Personal Equipment and Small-sized OA Equipment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP848 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP848 Datasheet HTML 1Page - Toshiba Semiconductor TLP848 Datasheet HTML 2Page - Toshiba Semiconductor TLP848 Datasheet HTML 3Page - Toshiba Semiconductor TLP848 Datasheet HTML 4Page - Toshiba Semiconductor TLP848 Datasheet HTML 5Page - Toshiba Semiconductor TLP848 Datasheet HTML 6Page - Toshiba Semiconductor TLP848 Datasheet HTML 7Page - Toshiba Semiconductor TLP848 Datasheet HTML 8Page - Toshiba Semiconductor TLP848 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLP848
2007-10-01
1
TOSHIBA Photointerrupter Infrared LED + Phototransistor
TLP848
○
Camera Module for Mobile Phone
○
Digital Still Camera and Video Camera
○
Personal Equipment and Small-sized OA Equipment
The TLP848 is a surface-mount photointerrupter which is composed of a
GaAs infrared LED and a Si phototransistor.
It is an ultra compact package. Moreover it has a wider gap width than
1mm gap width of industry-standard and has a high resolution.
• Ultra compact package : 2.8×1.9×2.5mm (typ.)
• Surface-mount type
• Lead(Pb)-Free
• Gap width : 1.2mm (typ.)
• High resolution : Slit width 0.3 mm (typ.)
• High current transfer ratio : IC/IF = 3% (min)
• Material of the package : PPS (Polyphenylene sulfide)
(UL94V-0)
Absolute Maximum Ratings (Ta = 25°C)
Marking (Note 2)
Characteristics
Symbol
Rating
Unit
Forward current
IF
30
mA
Forward current derating (Ta>25°C)
ΔIF/°C
−0.33
mA/°C
Reverse voltage
VR
5
V
Collector-emitter voltage
VCEO
15
V
Emitter-collector voltage
VECO
5
V
Collector power dissipation
PC
75
mW
Collector power dissipation derating
(Ta>25℃)
ΔPC/°C
−1
mW/°C
Collector current
IC
50
mA
Operating temperature range
Topr
−30 to 85
°C
Storage temperature range
Tstg
−40 to 100
°C
Soldering temperature
(Note 1)
Tsol
250
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: The reflow time and the example of temperature profile are shown in the section entitled Mounting Method.
Note 2: Weekly code: (Three digits)
TOSHIBA
11-3B1
Weight: 0.017 g (typ.)
Weekly Code
Week of manufacture
(01 for first week of year, continues up to 52 or 53)
Year of manufacture
(One low-order digits of calendar year)


Similar Part No. - TLP848

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP841 TOSHIBA-TLP841 Datasheet
188Kb / 8P
Infrared LED Phototransistor
01-Oct-2007
More results

Similar Description - TLP848

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
Power Brushless Motor Pre-Driver IC for OA Equipment
LB1824 SANYO-LB1824 Datasheet
134Kb / 9P
Power Brushless Motor Driver for OA Equipment
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
Power Brushless Motor Pre-Driver IC for OA Equipment
logo
Toshiba Semiconductor
TLP1023 TOSHIBA-TLP1023 Datasheet
364Kb / 7P
OA EQUIPMENT SUCH AS COPYING MACHINE, PRINTER, FACSMILE, ETC.
10-Dec-1997
logo
Omron Electronics LLC
XM2S-0913 OMRON-XM2S-0913 Datasheet
576Kb / 1P
D-sub Connectors Ideal for Interfacing with OA Equipment
XM2A-0901 OMRON-XM2A-0901 Datasheet
576Kb / 1P
D-sub Connectors Ideal for Interfacing with OA Equipment
logo
Sumida Corporation
CPFC0605 SUMIDA-CPFC0605 Datasheet
526Kb / 4P
CAN Bus, LED head lamp unit, AV/OA equipment
CPFC94B SUMIDA-CPFC94B Datasheet
415Kb / 4P
CAN Bus, LED head lamp unit, AV/OA equipment
CSLF3228 SUMIDA-CSLF3228 Datasheet
413Kb / 4P
CAN Bus, AV/OA equipment
logo
Carling Technologies
62116919-0-9-V CARLINGTECH-62116919-0-9-V Datasheet
600Kb / 4P
Small-sized Rocker switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com