Electronic Components Datasheet Search
  English  ▼

X  

74LS164 Datasheet(PDF) 5 Page - Solid State Inc

Part # 74LS164
Description  Serial -In Parallel-Out Shift Register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74LS164 Datasheet(HTML) 5 Page - Solid State Inc

  74LS164 Datasheet HTML 1Page - Solid State Inc 74LS164 Datasheet HTML 2Page - Solid State Inc 74LS164 Datasheet HTML 3Page - Solid State Inc 74LS164 Datasheet HTML 4Page - Solid State Inc 74LS164 Datasheet HTML 5Page - Solid State Inc 74LS164 Datasheet HTML 6Page - Solid State Inc 74LS164 Datasheet HTML 7Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN74LS164
5
AC WAVEFORMS
*The shaded areas indicate when the input is permitted to change for predictable output performance.
Figure 1. Clock to Output Delays
and Clock Pulse Width
Figure 2. Master Reset Pulse Width,
Master Reset to Output Delay and
Master Reset to Clock Recovery Time
Figure 3. Data Setup and Hold Times
CONDITIONS: MR = H
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tPHL
tPLH
CP
Q
CP
Q
MR
trec
tW
tPHL
tW
I/fmax
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
CP
D
Q
ts(H)
th(H)
ts(L)
th(L)
tW
1/fmax
1.3 V
1.3 V
*
1.3 V
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com