Electronic Components Datasheet Search
  English  ▼

X  

TLP759F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP759F
Description  GaA?밃s Ired Photo−IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP759F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP759F Datasheet HTML 1Page - Toshiba Semiconductor TLP759F Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP759F
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired + Photo−IC
TLP759F
Digital Logic Ground Isolation
Line Receiver
Microprocessor System Interfaces
Switching Power Supply Feedback Control
Transistor Inverter
The TOSHIBA TLP759F consists of a GaAℓAs high-output light
emitting diode and a high speed detector of one chip photo diode-
transistor. This unit is 8-lead DIP package.
TLP759F has no internal base connection, and a faraday shield
integrated on the photodetector chip provides an effective common
mode noise transient immunity.
So this is suitable for application in noisy environmental condition.
All parameters are tested to the specification of TLP759.
• Isolation voltage: 5000 Vrms (min.)
• Switching speed: tpHL = 0.3μs (typ.)
tpHL = 0.5μs (typ.) (RL = 1.9 kΩ)
• TTL compatible
• UL recognized: UL1577, file no. E67349
• BSI approved:
BS EN60065:2002, certificate no.8869
BS EN60950-1:2002, certificate no.8870
• Option (D4) type
VDE approved: DIN EN 60747-5-2
Certificate no. 40009302
Maximum operating insulation: 1140VPK
Highest permissible over voltage: 6000VPK
(Note) When an EN 60747-5-2 approved type is
needed, please designate the “ Option (D4) ”
• Creepage distance: 8.0mm
Clearance: 8.0mm
Insulation thickness: 0.4mm
Pin Configuration(top view)
1: N.C.
2: Anode
3: Cathode
4: N.C.
5: Emitter(GND)
6: Collector(output)
7: N.C.
8: VCC
7
8
6
2
1
3
4
5
SHIELD
Schematic
8
6
2
3
VO
5
SHIELD
GND
VCC
IO
ICC
VF
IF
Unit in mm
TOSHIBA
11−10C402
Weight: 0.54g


Similar Part No. - TLP759F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP759F TOSHIBA-TLP759F Datasheet
113Kb / 2P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
More results

Similar Description - TLP759F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
GaA?밃s IRED Photo IC
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
GaA?밃s IRED Photo IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
GaA?밃s IRED Photo IC
TLP251F TOSHIBA-TLP251F_07 Datasheet
153Kb / 3P
GaA?밃s Ired & Photo−IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
GaA?밃s Ired & Photo-IC
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
Photocoupler GaA?밃s Ired & Photo−IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com