Electronic Components Datasheet Search
  English  ▼

X  

TC74HC32AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC32AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC32AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC32AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC32AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC32AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC32AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC32AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC32AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC32AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC32AP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74HC32AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC32AP,TC74HC32AF,TC74HC32AFN
Quad 2-Input OR Gate
The TC74HC32A is a high speed CMOS 2-INPUT OR GATE
fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The internal circuit is composed of 2 stages including buffer
output, which provide high noise immunity and stable output.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 6 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 1 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
•
Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS32
Pin Assignment
IEC Logic Symbol
Note: xxxAFN (JEDEC SOP) is not available in
Japan.
TC74HC32AP
TC74HC32AF
TC74HC32AFN
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)


Similar Part No. - TC74HC32AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP Datasheet
232Kb / 6P
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC32AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC10AP TOSHIBA-TC74HC10AP Datasheet
237Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic
29-Nov-2005
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7SZ32FU KEC-KIC7SZ32FU_15 Datasheet
374Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC358860XBG TOSHIBA-TC358860XBG Datasheet
390Kb / 19P
CMOS Digital Integrated Circuit Silicon Monolithic
2017-07-01 Rev.2.0a
TC9594XBG TOSHIBA-TC9594XBG Datasheet
201Kb / 16P
CMOS Digital Integrated Circuit Silicon Monolithic
2020-04-06 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com