Electronic Components Datasheet Search
  English  ▼

X  

TLP200D Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP200D
Description  Measurement Instrument
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP200D Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP200D Datasheet HTML 1Page - Toshiba Semiconductor TLP200D Datasheet HTML 2Page - Toshiba Semiconductor TLP200D Datasheet HTML 3Page - Toshiba Semiconductor TLP200D Datasheet HTML 4Page - Toshiba Semiconductor TLP200D Datasheet HTML 5Page - Toshiba Semiconductor TLP200D Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP200D
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
⎯
⎯
10
μA
LED
Capacitance
CT
V
= 0, f = 1 MHz
⎯
30
⎯
pF
Off-state current
IOFF
VOFF = 200 V
⎯
⎯
1
μA
Detector
Capacitance
COFF
V
= 0, f = 1 MHz
⎯
100
⎯
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
ION = 200 mA
⎯
1
3
mA
On-state resistance
RON
ION = 200 mA, IF = 5 mA
⎯
5
8
Ω
Isolation Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
⎯
0.8
⎯
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5
×
10
10
10
14
⎯
Ω
AC, 1 minute
1500
⎯
⎯
AC, 1 s, in oil
⎯
3000
⎯
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
⎯
3000
⎯
Vdc
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
⎯
0.6
1.5
ms
Turn-off time
tOFF
RL = 200 Ω
(Note)
VDD = 20 V, IF = 5 mA
⎯
0.1
1.0
ms
Note: Switching time test circuit
6, 8
RL
VDD
VOUT
5, 7
1, 3
2, 4
IF
VOUT
IF
tON
tOFF
90%
10%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com