Electronic Components Datasheet Search
  English  ▼

X  

TLP206GA Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP206GA
Description  Measurement Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP206GA Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP206GA Datasheet HTML 1Page - Toshiba Semiconductor TLP206GA Datasheet HTML 2Page - Toshiba Semiconductor TLP206GA Datasheet HTML 3Page - Toshiba Semiconductor TLP206GA Datasheet HTML 4Page - Toshiba Semiconductor TLP206GA Datasheet HTML 5Page - Toshiba Semiconductor TLP206GA Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP206GA
2007-10-01
1
TOSHIBA Photocoupler Photorelay
TLP206GA
PBX
Telecommunication
Modem・FAX Cards, Modems In PC
Measurement Instrumentation
The TOSHIBA TLP206GA consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOSFET in a SOP,
which is suitable for surface mount assembly.
The TLP206GA is a 2-Form-A switch, which is suitable for
replacement of mechanical relays in many applications.
• 8 pin SOP (2.54SOP8): 2.1 mm high, 2.54 mm pitch
• 2-form-A
• Peak off-state voltage: 400 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 120 mA (max)
• On-state resistance: 35 Ω (max)
• Isolation voltage: 1500 Vrms (min)
• BSI approved: BS EN60065:2002, certificate no.8753
BS EN60950-1:2002, certificate no.8754
Pin Configuration (top view)
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
11-10H1
Weight: 0.2 g (typ.)
1
2
8
7
1, 3: ANODE
2, 4: CATHODE
5: DRAIN D1
6: DRAIN D2
7: DRAIN D3
8: DRAIN D4
6
5
3
4


Similar Part No. - TLP206GA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP206G TOSHIBA-TLP206G Datasheet
162Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
25-Sep-2002
TLP206G TOSHIBA-TLP206G Datasheet
174Kb / 6P
Measurement Instrument
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
Measurement Instrument
TLP206G TOSHIBA-TLP206G_14 Datasheet
201Kb / 6P
PBX Modem-FAX Card Measurement Instrument
More results

Similar Description - TLP206GA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP599A TOSHIBA-TLP599A Datasheet
143Kb / 5P
Telecommunication Data Acquisit Measurement Instrumentation
25-Sep-2002
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
Telecommunication Data Acquisition Measurement Instrumentation
25-Sep-2002
TLP597A TOSHIBA-TLP597A Datasheet
134Kb / 6P
TELECOMMUNICATION DATA ACQUISITION MEASUREMENT INSTRUMENTATION
09-Aug-2000
TLP798GA TOSHIBA-TLP798GA_07 Datasheet
155Kb / 5P
Measurement Instrumentation
TLP197G TOSHIBA-TLP197G_07 Datasheet
181Kb / 6P
Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
Measurement Instrumentation
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
Measurement Instrumentation
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
Measurement Instrumentation
TLP597A TOSHIBA-TLP597A_07 Datasheet
159Kb / 6P
MEASUREMENT INSTRUMENTATION
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
Telecommunication Data Acquisition Measurement Instrumentation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com