Electronic Components Datasheet Search
  English  ▼

X  

TC74HC646AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC646AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Transceiver/Register (3-state)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC646AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC646AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC646AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC646AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC646AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC646AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC646AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC646AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC646AP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74HC646AP
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC646AP
Octal Bus Transceiver/Register (3-state)
The TC74HC646A is high speed CMOS OCTAL BUS
TRANSCEIVER/REGISTERs fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
This device is bus transceiver with 3-state outputs, D-type
flip-flops, and control circuitry arranged for multiplexed
transmission of data directly from the internal registers.
When the direction input (DIR) is held high, the A1 thru A8
become inputs and the B1 thru B8 become outputs. When the
DIR input is held low, the A1 thru A8 become output and the B1
thru B8 become inputs.
The enable input G is held high, both the A Bus and B Bus become high impedance.
The select inputs (SAB, SBA) can muiltiplex stored and real-time (transparent mode) data.
Data on the A Bus or B Bus can be clocked into the registers on the positive going transition of either CAB or
CBA clock inputs, respectively.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features (Note 1) (Note 2)
• High speed: fmax = 73 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 15 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 6 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS646
Note 1: Do not apply a signal to any bus terminal when it is in the out put mode. Damage may result.
Note 2: All floating (high impedance) bus terminals must have their input levels fixed by means of pull up or pull
down resistors.
Pin Assignment
Weight: 1.50 g (typ.)


Similar Part No. - TC74HC646AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
18-Aug-1998
More results

Similar Description - TC74HC646AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
18-Aug-1998
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74AC540P TOSHIBA-TC74AC540P_07 Datasheet
237Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT240P TOSHIBA-TC74ACT240P_07 Datasheet
233Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT540P TOSHIBA-TC74ACT540P_07 Datasheet
228Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74HC652AP TOSHIBA-TC74HC652AP_07 Datasheet
322Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Transceiver/Register (3-state)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com