Electronic Components Datasheet Search
  English  ▼

X  

TC74HC688AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC688AF
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC688AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC688AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC688AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC688AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC688AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC688AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC688AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC688AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC688AF Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74HC688AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC688AP,TC74HC688AF
8-Bit Equality Comparator
The TC74HC688A is a high speed CMOS 8-BIT EQUALITY
COMPARATOR fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The TC74HC688A compares two 8-bit binary or BCD words
applied inputs P0~P7, and inputs Q0~Q7, and indicates whether
or not they are equal.
A signal active low enable is provided to facilitate cascading of
several packages to compare of words greater than 8 bits.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 17 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
•
Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS688
Pin Assignment
TC74HC688AP
TC74HC688AF
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)


Similar Part No. - TC74HC688AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC688AF TOSHIBA-TC74HC688AF Datasheet
207Kb / 5P
8BIT EQUALITY COMPARATOR
18-Aug-1998
More results

Similar Description - TC74HC688AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC688 STMICROELECTRONICS-M54HC688 Datasheet
243Kb / 10P
8 BIT EQUALITY COMPARATOR
Oct-1992
M54HCT688 STMICROELECTRONICS-M54HCT688 Datasheet
242Kb / 10P
8 BIT EQUALITY COMPARATOR
Feb-1993
logo
Toshiba Semiconductor
TC74HCT688AP TOSHIBA-TC74HCT688AP Datasheet
205Kb / 5P
8-BIT EQUALITY COMPARATOR
TC74AC521P TOSHIBA-TC74AC521P Datasheet
267Kb / 7P
8-BIT EQUALITY COMPARATOR
17-May-2001
TC74ACT521P TOSHIBA-TC74ACT521P Datasheet
281Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC85AP TOSHIBA-TC74HC85AP_07 Datasheet
399Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic 4-Bit Magnitude Comparator
TC74HC597AP TOSHIBA-TC74HC597AP_07 Datasheet
442Kb / 11P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
TC74HCT688AP TOSHIBA-TC74HCT688AP_07 Datasheet
288Kb / 7P
8-Bit Equality Comparator
logo
STMicroelectronics
M74HC688 STMICROELECTRONICS-M74HC688 Datasheet
326Kb / 9P
8 BIT EQUALITY COMPARATOR
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com