Electronic Components Datasheet Search
  English  ▼

X  

TC74HC4040AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC4040AF
Description  CMOS Digital Integrated Circuit Silicon Monolithic
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4040AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC4040AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4040AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4040AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4040AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4040AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4040AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4040AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4040AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4040AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74HC4020,4040AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4020AP,TC74HC4020AF,TC74HC4020AFN
TC74HC4040AP,TC74HC4040AF,TC74HC4040AFN
TC74HC4020AP/AF/AFN
14-Stage Binary Counter
TC74HC4040AP/AF/AFN
12-Stage Binary
Counter
The TC74HC4020A/TC74HC4040A are high speed CMOS
BINARY COUNTER/DIVIDERs fabricated with silicon gate
C2MOS technology.
They achieve the high speed operetion similar to equivalent
LSTTL while maintaining the CMOS dissipation.
The TC74HC4020A is a 14-STAGE BINARY COUNTER, and
the TC74HC4040A is a 12-STAGE BINARY COUNTER.
Setting CLR to high resets the counter to low.
A negative transition on the CK input brings one increment
into the counter.
The TC74HC4020A provides 12 divided outputs: 1’st stage and
stage 4 thru stage 14. At Q14, a 1/16384 divided frequency will
be output.
The TC74HC4040A provides all divided output stages, and at
Q12, a 1/4096 divided frequency will be output.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 73 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 4020B/4040B
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC4020AP, TC74HC4040AP
TC74HC4020AF, TC74HC4040AF
TC74HC4020AFN, TC74HC4040AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74HC4040AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4040AF TOSHIBA-TC74HC4040AF Datasheet
278Kb / 8P
12/14-STAGE BINARY COUNTER
TC74HC4040AFN TOSHIBA-TC74HC4040AFN Datasheet
278Kb / 8P
12/14-STAGE BINARY COUNTER
More results

Similar Description - TC74HC4040AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC10AP TOSHIBA-TC74HC10AP Datasheet
237Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic
29-Nov-2005
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7SZ32FU KEC-KIC7SZ32FU_15 Datasheet
374Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC358860XBG TOSHIBA-TC358860XBG Datasheet
390Kb / 19P
CMOS Digital Integrated Circuit Silicon Monolithic
2017-07-01 Rev.2.0a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com