Electronic Components Datasheet Search
  English  ▼

X  

TC74HC151AF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HC151AF
Description  8-Channel Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC151AF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HC151AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC151AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC151AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC151AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC151AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC151AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC151AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC151AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC151AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74HC151AP/AF/AFN
2007-10-01
5
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
⎯
⎯
4
8
ns
Propagation delay time
(D-Y)
tpLH
tpHL
⎯
⎯
15
24
ns
Propagation delay time
(D-W)
tpLH
tpHL
⎯
⎯
15
24
ns
Propagation delay time
( ST -Y)
tpLH
tpHL
⎯
⎯
10
17
ns
Propagation delay time
(
ST -W)
tpLH
tpHL
⎯
⎯
10
17
ns
Propagation delay time
(A, B, C-Y)
tpLH
tpHL
⎯
⎯
19
31
ns
Propagation delay time
(A, B, C-W)
tpLH
tpHL
⎯
⎯
19
31
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com