Electronic Components Datasheet Search
  English  ▼

X  

TC74HC240AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC240AP
Description  Octal Bus Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC240AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC240AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74HC240,244AP/AF,241AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC240AP,TC74HC240AF,TC74HC241AP
TC74HC241AF,TC74HC244AP,TC74HC244AF
Octal Bus Buffer
TC74HC240AP/AF
Inverted, 3-State
Outputs
TC74HC241AP/AF
Non-Inverted,
3-State Outputs
TC74HC244AP/AF
Non-Inverted,
3-State Outputs
The TC74HC240A, 241A and 244A are high speed CMOS
OCTAL BUS BUFFERs fabricated with silicon gate C2MOS
technology.
They achieve the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The 74HC240A is an inverting 3-state buffer having two
active-low output enables. The TC74HC241A and TC74HC244A
are non-inverting 3-state buffers that differ only in that the 241A
has one active-high and one active-low output enable, and the
244A has two active-low output enables.
These devices are designed to be used with 3-state memory
address drivers, etc.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 10 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 15 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 6 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS240/241/244
TC74HC240AP, TC74HC241AP,
TC74HC244AP
TC74HC240AF, TC74HC241AF, TC74HC244AF
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)


Similar Part No. - TC74HC240AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC240API TOSHIBA-TC74HC240API Datasheet
290Kb / 7P
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
17-May-2001
More results

Similar Description - TC74HC240AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
OCTAL BUS BUFFER
17-May-2001
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
Octal Bus Buffer
April, 2006 ??Rev. 5
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
Octal Bus Buffer
May, 2011 ??Rev. 8
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
Octal Bus Buffer
February, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com