Electronic Components Datasheet Search
  English  ▼

X  

TC74HC640AF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HC640AF
Description  Octal Bus Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC640AF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HC640AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC640AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC640AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC640AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC640AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC640AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC640AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC640AF Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC74HC245AP/AF,640AP/AF
2007-10-01
5
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
CL (pF) VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
⎯
50
2.0
4.5
6.0
⎯
⎯
⎯
52
7
6
60
12
10
⎯
⎯
⎯
75
15
13
ns
50
2.0
4.5
6.0
⎯
⎯
⎯
33
12
10
90
18
15
⎯
⎯
⎯
115
23
20
Propagation delay
time
tpLH
tpHL
⎯
150
2.0
4.5
6.0
⎯
⎯
⎯
48
16
14
120
24
20
⎯
⎯
⎯
150
30
26
ns
50
2.0
4.5
6.0
⎯
⎯
⎯
48
16
14
150
30
26
⎯
⎯
⎯
190
38
32
3-state output enable
time
tpZL
tpZH
RL = 1kΩ
150
2.0
4.5
6.0
⎯
⎯
⎯
63
21
18
180
36
31
⎯
⎯
⎯
225
45
38
ns
3-state output disable
time
tpLZ
tpHZ
RL = 1kΩ
50
2.0
4.5
6.0
⎯
⎯
⎯
37
17
15
150
30
26
⎯
⎯
⎯
190
38
32
ns
Input capacitance
CIN
DIR, G
⎯
5
10
⎯
10
pF
Bus input capacitance
COUT
An, Bn
⎯
13
⎯
⎯
⎯
pF
TC74HC245A
⎯
39
⎯
⎯
⎯
Power dissipation
capacitance
CPD
(Note) TC74HC640A
⎯
37
⎯
⎯
⎯
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com